Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOM5-320-R-L2 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # ISOM5-320-R-L2
Description  IsoMOV™ Series - Hybrid Protection Component
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ISOM5-320-R-L2 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  ISOM5-320-R-L2 Datasheet HTML 1Page - Bourns Electronic Solutions ISOM5-320-R-L2 Datasheet HTML 2Page - Bourns Electronic Solutions ISOM5-320-R-L2 Datasheet HTML 3Page - Bourns Electronic Solutions ISOM5-320-R-L2 Datasheet HTML 4Page - Bourns Electronic Solutions ISOM5-320-R-L2 Datasheet HTML 5Page - Bourns Electronic Solutions ISOM5-320-R-L2 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CDDFN5-0504N - TVS/Steering Diode Array
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
IsoMOVSeries - Hybrid Protection Component
IsoMOV™
Packaging Quantities - Reel
Packaging Quantities - Bulk
Voltage
Model
IsoM3
IsoM5
IsoM8
175
500
300
230
250
200
275
300
320
380
420
510
555
Voltage
Model
IsoM3
IsoM5
IsoM8
175
500
400
230
250
400
275
300
320
380
300
420
510
555
Assembly Recommendations for Through-Hole Components
Lead-free Wave Soldering Profile - Pb-free wave profile requirements for soldering heat resistance of components
t1
T1
T2
Tmerit
MELTING POINT 217 °C
TIME
T3
t(w1+w2)
Parameter
Symbol
Specification
Preheating temperature gradient
4 °C/sec. max.
Preheating time
t1
2 to 5 min.
Min. preheating temperature
T1
130 °C
Max. preheating temperature
T2
180 °C
Melting temperature/point
Tmeltv
217 °C
Time in wave soldering phase
(w1+w2)
tw1+w2
10 sec.
Max. wave temperature (w1+w2)
Ts
265 °C +0/-5 °C
Cooling temperature gradient
6° C/sec. max.
Temperature jump from T2 to T3
(w1)
T3(w1) - T2
120 °C max
Time from 25 °C to T3 (wave
temperature)
8 min. max.
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com
REV. D - 06/22/22



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com