Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISOM8-320-R-L2 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # ISOM8-320-R-L2
Description  IsoMOV™ Series - Hybrid Protection Component
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

ISOM8-320-R-L2 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  ISOM8-320-R-L2 Datasheet HTML 1Page - Bourns Electronic Solutions ISOM8-320-R-L2 Datasheet HTML 2Page - Bourns Electronic Solutions ISOM8-320-R-L2 Datasheet HTML 3Page - Bourns Electronic Solutions ISOM8-320-R-L2 Datasheet HTML 4Page - Bourns Electronic Solutions ISOM8-320-R-L2 Datasheet HTML 5Page - Bourns Electronic Solutions ISOM8-320-R-L2 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
n
Highenergyhandlingdensity
n
Hybrid(MOVandGDT)design
n
Extendedtemperaturerange
n
Ring-wavetolerant
n
Lowcapacitance
n
ULrecognized
n
RoHScompliant*
IsoMOVSeries - Hybrid Protection Component
Specificationsaresubjecttochangewithoutnotice.Usersshouldverifyactualdeviceperformanceintheirspecific
applications.Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthon
thelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
General Information
Bourns introduces its hybrid technology that combines the
breakthrough surge performance of EdgMOV™ protection
devices with an integrated Gas Discharge Tube (GDT) isolation
structure to create the innovative IsoMOV™ Series Hybrid
Protection Component. By combining the best features of both
MOV and GDT technologies into a single component, the
IsoMOV™ Series achieves high performance as a long life
protector with lower capacitance, very low leakage and superb
energy handling density. The IsoMOV™ Series is ideally suited
for AC and DC power applications where premium
performance and/or space savings are required.
Electrical Characteristics (1) (@ TA = 25 °C Unless Otherwise Noted)
Bourns
Part No.
Operating
Protection
Maximum Continuous
Operating Voltage
(MCOV)
Maximum
Leakage
@ MCOV (2)
Nominal
Capacitance
Inom (3) (4)
Imax (4)
Ring Wave
Surge
IEEE62.41
Maximum
Clamping
Voltage
Vrms
Vdc
Adc
20 kHz
15
Operations
10
Operations
1
Operation
200 A
Vc
Ic
V
V
μ
A
pF
A
A
Operations
V
A
IsoM3-175
175
225
< 10
30
3,000
6,000
± 250
470
50
IsoM3-230
230
300
< 10
30
3,000
6,000
± 250
620
50
IsoM3-250
250
320
< 10
30
3,000
6,000
± 250
675
50
IsoM3-275
275
350
< 10
30
3,000
6,000
± 250
730
50
IsoM3-300
300
385
< 10
30
3,000
6,000
± 250
800
50
IsoM3-320
320
415
< 10
30
3,000
6,000
± 250
875
50
IsoM5-175
175
225
< 10
40
5,000
10,000
± 250
470
100
IsoM5-230
230
300
< 10
40
5,000
10,000
± 250
620
100
IsoM5-250
250
320
< 10
40
5,000
10,000
± 250
675
100
IsoM5-275
275
350
< 10
40
5,000
10,000
± 250
730
100
IsoM5-300
300
385
< 10
40
5,000
10,000
± 250
800
100
IsoM5-320
320
415
< 10
40
5,000
10,000
± 250
875
100
IsoM5-380
385
505
< 10
40
5,000
10,000
± 250
1000
100
IsoM5-420
420
560
< 10
40
5,000
10,000
± 250
1100
100
IsoM5-510
510
670
< 10
40
5,000
10,000
± 250
1300
100
IsoM5-555
555
745
< 10
40
5,000
10,000
± 250
1400
100
IsoM8-250
250
320
< 10
50
8,000
15,000
± 250
675
200
IsoM8-275
275
350
< 10
50
8,000
15,000
± 250
730
200
IsoM8-300
300
385
< 10
50
8,000
15,000
± 250
800
200
IsoM8-320
320
415
< 10
50
8,000
15,000
± 250
875
200
IsoM8-380
385
505
< 10
50
8,000
15,000
± 250
1000
200
IsoM8-420
420
560
< 10
50
8,000
15,000
± 250
1100
200
IsoM8-510
510
670
< 10
50
8,000
15,000
± 250
1300
200
IsoM8-555
555
745
< 10
50
8,000
15,000
± 250
1400
200
(1) At delivery AQL 0.65 Level II, DIN ISO 2859.
(2) Maximum leakage limits after life ratings may exceed 10 µA, but will continue
to protect at MCOV.
(3) Inom service life specified at 3-minute time intervals between surges with
rated MCOV applied during the entire resting period and 15 minutes after the
last surge.
(4) Surge profile 8/20 µs per IEC 61000-4-5.
8-320
2039
IsoMOV™
Agency Recognition
Agency
Standard
File Number
1449 - 4th Ed. Type 4 CA
Canadian Type 5 SPD CSA
C22.2 No. 269.4-17
E313168
WARNING Cancer and Reproductive Harm
www.P65Warnings.ca.gov
“IsoMOV”and“EdgMOV”aretrademarksofBourns,Inc.
*RoHSDirective2015/863,Mar31,2015andAnnex.
Additional Information
Click these links for more information:
PRODUCT
SELECTOR
TECHNICAL
LIBRARY
INVENTORY
SAMPLES
CONTACT


Similar Part No. - ISOM8-320-R-L2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
ISOM8-320-B-L2 BOURNS-ISOM8-320-B-L2 Datasheet
939Kb / 6P
IsoMOV??Series - Hybrid Protection Component
More results

Similar Description - ISOM8-320-R-L2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFM704A IRF-AFM704A Datasheet
45Kb / 3P
EMI FILTER / PROTECTION HYBRID
logo
List of Unclassifed Man...
16110 ETC2-16110 Datasheet
274Kb / 17P
LCD Component
logo
EPCOS
B72500D90A60 EPCOS-B72500D90A60 Datasheet
510Kb / 22P
Bidirectional ESD protection in one component
logo
International Rectifier
AFM704A IRF-AFM704A_15 Datasheet
50Kb / 3P
EMI FILTER / PROTECTION HYBRID
logo
Protek Devices
P0402V05 PROTEC-P0402V05_15 Datasheet
463Kb / 8P
ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
P0603V24 PROTEC-P0603V24 Datasheet
450Kb / 8P
ULTRA LOW CAPACITANCE ESD PROTECTION COMPONENT
logo
Bourns Electronic Solut...
GMOV BOURNS-GMOV Datasheet
746Kb / 5P
14 & 20 mm Hybrid Protection Component
ISOM3-175 BOURNS-ISOM3-175 Datasheet
939Kb / 6P
IsoMOV??Series - Hybrid Protection Component
logo
PHOENIX CONTACT
105787 PHOENIX-105787 Datasheet
1Mb / 27P
Component housing
2015-11-27
logo
Protek Devices
PHYTVSXXXV4 PROTEC-PHYTVSXXXV4 Datasheet
648Kb / 6P
HYBRID TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com