Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV331IDBV Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # LMV331IDBV
Description  iMOTION™ Modular Application Design Kit
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

LMV331IDBV Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button LMV331IDBV Datasheet HTML 9Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 10Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 11Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 12Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 13Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 14Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 15Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 16Page - Infineon Technologies AG LMV331IDBV Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
User Manual
13 of 47
Revision 1.4
2020-07-16
EVAL-M3-IM564 User Manual
iMOTION™ Modular Application Design Kit
Getting started with EVAL-M3-IM564
3
Getting started with EVAL-M3-IM564
In order to run the motor system, a combination of the iMOTION™ MADK power board (EVAL-M3-IM564) and the
matching MADK control board is required. The iMOTION™ software tools, MCEDesigner and MCEWizard, are also
required in order to initially set up the system, as well as to control and fine-tune the system performance to
match users’ exact needs. This chapter provides more details on setting up the system and getting started with
the iMOTION™ MADK development platform.
Note:
If you are using an EVAL-M3-102T control board, please make the following changes to better
match EVAL-M3-IM564 for OPA’s gain and PFC OCP level.
1. Delete R6 and R10 of EVAL-M3-102T
2. R13 of EVAL-M3-102T from 2 kohm change to 0 ohm
3. R25 of EVAL-M3-102T from 1 kohm change to 0 ohm
4. R8 of EVAL-M3-102T from 24 kohm change to 470 ohm
R9 of EVAL-M3-102T from 470 ohm change to 1.65 kohm for PFCTRIPREF
3.1
Setting up the system
After downloading and installing the iMOTION™ PC tools (MCEWizard and MCEDesigner), the following steps
need to be taken in order to run the motor. Refer to user manual for iMOTION™ MADK control board such as
(EVAL-M3-102T), MCEWizard and MCEDesigner documentation for more information.
Figure 4 shows the system connection using EVAL-M3-IM564 and control board (used control board EVAL-M3-
102T for example).
Figure 4
System connection example using EVAL-M3-IM564
PC-USB
Connector
AC Power
Input
Motor Phase
Outputs
PFC
Inductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com