Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF06 Datasheet(PDF) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # DF06
Description  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

DF06 Datasheet(HTML) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

  DF06 Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. DF06 Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD. DF06 Datasheet HTML 3Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 / 3
www.diode.co.kr
■Thermal Characteristics (Ta=25℃ Unless otherwise specified)
PARAMETER
SYMBOL
UNIT
DF005
DF01
DF02
DF04
DF06
DF08
DF10
Thermal Resistance
RθJ-A(1)
℃
/W
68.0
RθJ-L
15.0
Note
(1)Thermal resistance from
Between junction and ambient, On glass-epoxi substrate.
■Ordering Information (Example)
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs) DELIVERY MODE
DF005 ~ DF10
B1
Approximate 0.39
50
2500
10000
Tube
■ Characteristics (Typical)
0
20
40
60
80
100
0.01
0.1
1.0
10
100
Tj=150℃
Tj=25℃
FIG4:Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
0
0
0.2
FIG1:Io-Ta Curve
160
sine wave R-load
free in air
40
80
120
0.4
0.6
0.8
1.0
1.2
Ambient Temperature (℃)
1
0
2
5
10
20
50
100
5
half sine wave
non-repetitive
Tj=25℃
FIG2:Surge Forward Current Capability
0
8.3ms
1cycle
8.3ms
10
15
20
25
30
35
Number Of Cycles
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.02
0.05
FIG3: Forward Voltage
0.1
1
2
4
6
0.5
Ta=25℃
Instantaneous Forward Voltage (V)
SAM YANG
DF005 --- DF10
SAMYANG ELECTRONICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com