Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTD120 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RTD120
Description  Silicon-Based Thermopile Detector 120
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RTD120 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RTD120 Datasheet HTML 1Page - Renesas Technology Corp RTD120 Datasheet HTML 2Page - Renesas Technology Corp RTD120 Datasheet HTML 3Page - Renesas Technology Corp RTD120 Datasheet HTML 4Page - Renesas Technology Corp RTD120 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
R36DS0012EU0100 Rev.1.00
Page 2
Aug 31, 2021
RTD120 Datasheet
1. Specifications
Specifications apply at 23C with KBr Window and Nitrogen encapsulating gas.
Symbol
Parameter
Min
Typ.
Max.
Unit
Comments[1]
1. General specifications: Flat spectral response from 100nm to > 100µm. Linear signal output from 10-6 to 0.1W/cm2. Maximum incident
radiance 0.1W/cm2, damage threshold ≥ .5W/cm2.
AA
Active Area size
1.2 × 1.2
mm
Hot junction size, per element.
A
Element Area
1.44
mm2
Number of Junctions
80
Per element.
Number of Channels
1
Per detector package.
Vs
Output Voltage
150
190
230
µV
DC, H = 330µW/cm2 [2]
2. Test conditions: 500K Blackbody source; Detector active surface 10cm from 0.6513cm diameter Blackbody Aperture.
SNR
Signal-to-Noise Ratio
3,459
4,953
6,359
√Hz
DC, SNR = Vs/Vn
R
Responsivity
31.6
37.9
48.4
V/W
DC, R = Vs/HA [3]
3. A is detector area in mm2.
R
Resistance
80
90
115
kΩ
Detector element
Temperature Coefficient of R
-0.04
%/°C
Best linear fit, 0° to 85°C [4]
4. Parameter is not 100% tested. 90% of all units meet these specifications.
Temperature Coefficient of R
0.02
%/°C
Best fit, 0° to 85°C [4]
Vn
Noise Voltage
36.2
38.4
43.4
nV/√Hz
Vn 2 = 4kTR
NEP
Noise Equivalent Power
0.75
1.04
1.37
nW/√Hz
DC, NEP = Vn HA/Vs [3]
D*
Detectivity
0.87
1.15
1.61
108cm√Hz/Ω DC, D* = Vs/ Vn H√A [3]
T
Time Constant
25
ms
Chopped, -3dB point [4]
FOV
Field of View
61°/97°
Degrees
For FOV description, see Package
Outline Drawings
Package Type
TO-5
Standard package hole size:
0.060” × 0.060”
Ta
Operating Temperature
-50
+125
°C
CO2 Filter, Central Wave
Length
4.260
µm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com