Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT82L24 Datasheet(PDF) 21 Page - Exar Corporation

Part # XRT82L24
Description  QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT82L24 Datasheet(HTML) 21 Page - Exar Corporation

Back Button XRT82L24 Datasheet HTML 17Page - Exar Corporation XRT82L24 Datasheet HTML 18Page - Exar Corporation XRT82L24 Datasheet HTML 19Page - Exar Corporation XRT82L24 Datasheet HTML 20Page - Exar Corporation XRT82L24 Datasheet HTML 21Page - Exar Corporation XRT82L24 Datasheet HTML 22Page - Exar Corporation XRT82L24 Datasheet HTML 23Page - Exar Corporation XRT82L24 Datasheet HTML 24Page - Exar Corporation XRT82L24 Datasheet HTML 25Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
áç
áç
áç
áç
XRT82L24
QUAD E1 LINE TRANSCEIVER WITH CLOCK RECOVERY AND JITTER ATTENUATOR
REV. 1.2.3
19
TABLE 2: E1 TRANSMITTER ELECTRICAL CHARACTERISTICS
(Ta=-40°C to 85°C, Vdd=3.3V±5%, unless otherwise specified)
PARAMETER
MIN
TYP.MAX
UNIT
TEST CONDITIONS
AMI Output Pulse Amplitude:
75
Ω Application
120
Ω Application
2.13
2.70
2.37
3.0
2.60
3.30
V
V
Use transformer with 1:2 ratio and 9.1
Ω
resistor in series with each end of primary.
Output Pulse Width
224
244
264
ns
Output Pulse Width Ratio
0.95
-
1.05
-
ITU-G.703
Output Pulse Amplitude Ratio
0.95
-
1.05
-
ITU-G.703
Jitter Added by the Transmit-
ter Output
-
0.025
0.05
UIpp
Broad Band with jitter free TxClk
applied to the input.
Return Loss:
51KHz --- 102KHz
102KHz --- 2048KHz
2048KHz --- 3072KHz
8
14
10
-
-
-
-
-
-
dB
dB
dB
ETSI 300 166, CHPTT
TABLE 3: TRANSMIT PULSE MASK SPECIFICATION
Test Load Impedance
75
Ω resistive (Coax)
120
Ω resistive (Twisted Pair)
Nominal peak voltage of a mark
2.37V
3.0V
Peak voltage of a space (no mark)
0 ± 0.237V
0± 0.3V
Nominal pulse width
244ns
244ns
Ratio of positive and negative pulses imbalance
0.95 to 1.05
0.95 to 1.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com