Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MWDM2L-9SSR Datasheet(PDF) 2 Page - Glenair, Inc.

Part # MWDM2L-9SSR
Description  Micro-D Metal Shell MWDM Solder Cup Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

MWDM2L-9SSR Datasheet(HTML) 2 Page - Glenair, Inc.

  MWDM2L-9SSR Datasheet HTML 1Page - Glenair, Inc. MWDM2L-9SSR Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2006 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
B-3
E-Mail: sales@glenair.com
B
DIMENSIONS
Layout
A Max.
B
C Max.
D Max.
E Max.
F
G Max.
H Max.
J Max.
In.
mm.
In .
± .003
mm.
± 0.08
In.
mm.
In.
mm.
In.
mm.
In.
± .003
mm.
± 0.08
In.
mm.
In.
mm.
In.
mm.
9P
.785
19.94
.565
14.35
.333
8.46
.184
4.67
.308
7.82
.183
4.65
.416
10.57
.400
10.16
.270
6.86
9S
.785
19.94
.565
14.35
.400
10.16
.250
6.35
.308
7.82
.195
4.95
.429
10.90
.400
10.16
.270
6.86
15P
.935
23.75
.715
18.16
.483
12.27
.184
4.67
.308
7.82
.183
4.65
.416
10.57
.550
13.97
.270
6.86
15S
.935
23.75
.715
18.16
.551
14.00
.250
6.35
.308
7.82
.195
4.95
.429
10.90
.550
13.97
.270
6.86
21P
1.085
27.56
.865
21.97
.633
16.08
.184
4.67
.308
7.82
.183
4.65
.416
10.57
.700
17.78
.270
6.86
21S
1.085
27.56
.865
21.97
.701
17.81
.250
6.35
.308
7.82
.195
4.95
.429
10.90
.700
17.78
.270
6.86
25P
1.185
30.01
.965
24.51
.733
18.62
.184
4.67
.308
7.82
.183
4.65
.416
10.57
.800
20.32
.270
6.86
25S
1.185
30.01
.965
24.51
.801
20.35
.250
6.35
.308
7.82
.195
4.95
.429
10.90
.800
20.32
.270
6.86
31P
1.335
33.91
1.115
28.32
.883
22.43
.184
4.67
.308
7.82
.183
4.65
.416
10.57
.950
24.13
.270
6.86
31S
1.335
33.91
1.115
28.32
.951
24.16
.250
6.35
.308
7.82
.195
4.95
.429
10.90
.950
24.13
.270
6.86
37P
1.485
37.72
1.265
32.13
1.033
26.24
.184
4.67
.308
7.82
.183
4.65
.416
10.57
1.100
27.94
.270
6.86
37S
1.485
37.72
1.265
32.13
1.101
27.96
.250
6.35
.308
7.82
.195
4.95
.429
10.90
1.100
27.94
.270
6.86
51P
1.435
36.45
1.215
30.86
.983
24.97
.224
5.69
.351
8.92
.183
4.65
.416
10.57
1.050
26.67
.310
7.87
51S
1.435
36.45
1.215
30.86
1.051
26.70
.293
7.44
.351
8.92
.195
4.95
.429
10.90
1.050
26.67
.310
7.87
51-2P
1.835
46.61
1.615
41.02
1.384
35.15
.184
4.67
.310
7.87
.183
4.65
.416
10.57
1.450
36.83
.270
6.86
51-2S
1.835
46.61
1.615
41.02
1.450
36.83
.250
6.35
.310
7.87
.195
4.95
.429
10.90
1.450
36.83
.270
6.86
67P
2.235
56.77
2.015
51.18
1.784
45.31
.184
4.67
.310
7.87
.183
4.65
.416
10.57
1.850
36.83
.270
6.86
67S
2.235
56.77
2.015
51.18
1.850
46.99
.250
6.35
.310
7.87
.195
4.95
.429
10.90
1.850
36.83
.270
6.86
69P
1.735
44.07
1.515
38.48
1.284
32.61
.224
5.69
.351
8.92
.183
4.65
.416
10.57
1.350
34.29
.310
7.87
69S
1.735
44.07
1.515
38.48
1.350
34.29
.293
7.44
.351
8.92
.195
4.95
.429
10.90
1.350
34.29
.310
7.87
100P
2.170
55.12
1.800
45.72
1.383
35.13
.270
6.86
.394
10.01
.183
4.65
.416
10.57
1.442
36.63
.360
9.14
100S
2.170
55.12
1.800
45.72
1.451
36.86
.333
8.46
.394
10.01
.195
4.95
.429
10.90
1.442
36.63
.360
9.14
A
E
9-69 CONTACTS .096/.088 (2.43/2.23) DIA.
100 CONTACTS
.150/.145 (3.81/3.68) DIA.
D
B
C
G
F
H
.093 ± .005
(2.36 ± 0.13)
.110 (2.79)
MAX
.200 (5.08)
MAX
J
Micro-D Metal Shell
MWDM Solder Cup Connectors
MATERIALS AND FINISHES
Connector
Shell
Aluminum Alloy 6061 or Stainless Steel, 300
Series, passivated. See Ordering Info for
Plating Options
Insulator
Liquid Crystal Polymer (LCP)
Interfacial Seal Flourosilicone Rubber, Blue
Pin Contact
Beryllium Copper Gold over Nickel Plating
Socket Contact Copper Alloy Gold Over Nickel Plating
Hardware
300 Series Stainless Steel
Encapsulant
Epoxy Resin Hysol EE4215
PERFORMANCE SPECIFICATIONS
Current Rating
3 AMP
DWV
600 VAC Sea level
Insulation Resistance
5000 Megohms Minimum
Contact Resistance
8 Milliohms Maximum
Low Level Contact Resist.
32 Milliohms Maximum
Magnetic Permeability
2 μ Maximum
Operating Temperature
-55° C. to +150° C.
Shock, Vibration
50 g., 20g.
Mating Force
(10 Ounces) X (# of Contacts)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com