Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-FSML Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # MF-FSML
Description  MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSML Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  MF-FSML Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSML Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSML Datasheet HTML 3Page - Bourns Electronic Solutions MF-FSML Datasheet HTML 4Page - Bourns Electronic Solutions MF-FSML Datasheet HTML 5Page - Bourns Electronic Solutions MF-FSML Datasheet HTML 6Page - Bourns Electronic Solutions MF-FSML Datasheet HTML 7Page - Bourns Electronic Solutions MF-FSML Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Solder Reflow Recommendations
Temperature of Lead/Pad Junction
Process
Materials
Temperature
Time
Description
Interval
1. Apply solder paste to
• Sn 96.5 / Ag 3.0 / Cu 0.5
Room temperature
test board (8 - 10 mil thick)
Alloy water soluble or no
clean solder paste
(see note 1)
• single sided epoxy glass
(G10) (UL approved)
• PC board approx. 4x4x.06 in.
2. Place test units onto board
6 units/board
3. Ramp up
Convection oven
(see note 2)
2.5 °C ± 0.5 °/sec.
4. Preheat (TS
.
c
e
s
0
3
±
0
9
C
°
0
9
1
o
t
C
°
0
5
1
)
5. Time above liquidus (TL
.
c
e
s
0
9
-
0
6
C
°
0
2
2
)
6. Peak temperature (TP
°
5
-
/
°
0
+
C
°
0
5
2
)
10-20 sec. within
5 °C of peak
.
c
e
s
/
C
°
5
.
0
±
C
°
3
e
r
u
t
a
r
e
p
m
e
t
m
o
o
R
n
w
o
d
p
m
a
R
.
7
(see note 2)
8. Cleaning water clean profile High pressure deionized
72 °F to 160 °F
As required
water 65 PSI max.
(22 °C to 71 °C)
Inspect solder joint to determine if solder joint is
acceptable (i.e. exhibits wetting of joint’s surface).
Use the following criteria (ref. acceptability of printed
board assemblies, IPC-A-610):
A) Acceptable (see Figure 1)
(1) The solder connection wetting angle (solder to
component and solder to PCB termination)
does not exceed 90 °.
(2) Solder balls that do not violate minimum
electrical clearances and are attached
(soldered) to a metal surface.
B) Unacceptable (see Figure 2)
(1) Solder connection wetting angle exceeding
90 °.
(2) Incomplete reflow of solder paste.
(3) Dewetting.
If unacceptable, determine cause and correct prior to
next run.
NOTES:
1. Water soluble solder paste only above 100K.
2. Refer to ref. temperature profile. Temperature at
lead/pad junction with “K” type thermocouple.
3. Units that are board mounted for environmental
testing must see a peak temperature in the reflow
zone, as specified. This is to ensure that all test
units will see “worst case conditions”.
4. Ramp down rate to be measured from 245 °C to
150 °C.
5. Process Description 8 does not apply to open
frame trimmers.
(Derived using 6-zone Convection Oven)
TP
TP
tp
ts
T TO
RAMP-UP
L
TL
t L
25
Ts max
Ts min
PREHEAT
Time
CRITICAL ZONE
RAMP-DOWN
t 25 °C TO PEAK
Notes:
• MF-FSML/X models are intended for reflow soldering (including, but
not limited to heating plate, hot air, IR, nitrogen, and vapor phase).
• Wave soldering is permissible only if the device is on the top of the
PCB, opposite the heat source.
• Hand soldering is not recommended for these devices.
• All temperatures refer to the topside of the device, measured on the
device body surface.
• If reflow temperatures exceed the recommended profile, devices may
not meet the published specifications.
• Compatible with Pb and Pb-free solder reflow profiles.
• Excess solder may cause a short circuit.
• Please refer to the Multifuse® Polymer PTC Resettable Fuse Soldering
Recommendations document for more details.
Profile Feature
Pb-Free Assembly
Average Ramp-Up Rate (Tsmax to Tp)
3 °C / second max.
PREHEAT:
Temperature Min. (Tsmin)
Temperature Max. (Tsmax)
Time (Tsmin to Tsmax) (ts)
150 °C
200 °C
60~180 seconds
TIME MAINTAINED ABOVE:
Temperature (TL)
Time (tL)
217 °C
60~150 seconds
Peak Temperature (Tp)
260 °C
Time within 5 °C of Actual Peak Temperature (tp)
20~40 seconds
Ramp-Down Rate
6 °C / second max.
Time 25 °C to Peak Temperature
8 minutes max.
How to Order
MF - FSML 050 / 6 - 2
Multifuse®
Product Designator
Series
FSML = 0603 Low Ohmic
Surface Mount Component
Hold Current, Ihold
035 - 300 (0.35 Amps - 3.00 Amps)
Maximum Voltage, Vmax
6 = 6 Volts
8 = 8 Volts
Packaging
-2 = Tape and Reel
Packaged per EIA 481
Typical Part Marking
No marking.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com