Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-PSHT Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # MF-PSHT
Description  MF-PSHT Series - PTC Resettable Fuses
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-PSHT Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  MF-PSHT Datasheet HTML 1Page - Bourns Electronic Solutions MF-PSHT Datasheet HTML 2Page - Bourns Electronic Solutions MF-PSHT Datasheet HTML 3Page - Bourns Electronic Solutions MF-PSHT Datasheet HTML 4Page - Bourns Electronic Solutions MF-PSHT Datasheet HTML 5Page - Bourns Electronic Solutions MF-PSHT Datasheet HTML 6Page - Bourns Electronic Solutions MF-PSHT Datasheet HTML 7Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Test Procedures and Requirements
Item
Test Conditions
Accept/Reject Criteria
Visual/Mechanical
Verify dimensions and materials
Per MF physical description
Resistance
In still air @ 23 °C
Rmin ≤ R ≤ Rmax
Time to Trip
At specified current, Vmax, 23 °C, still air
T ≤ max. time to trip (seconds)
Hold Current
30 min. at Ihold, still air
No trip
Trip Cycle Life
Vmax, Imax, 100 cycles
No arcing or burning
Trip Endurance
Vmax, Imax, 48 hours
No arcing or burning
Solderability
245 °C ± 5 °C, 5 seconds
95 % min. coverage
MF-PSHT Series - PTC Resettable Fuses
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Thermal Derating Table - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
+23 °C
+40 °C
+50 °C
+60 °C
+70 °C
+85 °C
+125 °C
MF-PSHT005KX
0.07
0.07
0.06
0.05
0.04
0.04
0.04
0.03
0.03
0.01
MF-PSHT010KX
0.15
0.13
0.12
0.10
0.09
0.08
0.07
0.07
0.06
0.03
MF-PSHT016KX
0.23
0.21
0.19
0.16
0.14
0.13
0.12
0.11
0.09
0.04
MF-PSHT020KX
0.29
0.26
0.23
0.20
0.18
0.16
0.15
0.13
0.11
0.05
MF-PSHT035KX
0.51
0.46
0.41
0.35
0.31
0.28
0.26
0.23
0.20
0.09
MF-PSHT050KX
0.73
0.66
0.58
0.50
0.44
0.41
0.37
0.34
0.28
0.14
MF-PSHT010X
0.15
0.13
0.12
0.10
0.09
0.08
0.07
0.07
0.06
0.03
Product Dimensions
Model
A
B
C
D
E
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Min.
MF-PSHT005KX
2.00
(0.079)
2.30
(0.091)
1.20
(0.047)
1.50
(0.059)
0.40
(0.016)
0.80
(0.031)
0.25
(0.010)
0.05
(0.002)
MF-PSHT010KX
MF-PSHT016KX
MF-PSHT020KX
2.00
(0.079)
2.30
(0.091)
1.20
(0.047)
1.50
(0.059)
0.60
(0.024)
1.20
(0.047)
0.25
(0.010)
0.05
(0.002)
MF-PSHT035KX
MF-PSHT050KX
MF-PSHT010X
2.00
(0.079)
2.30
(0.091)
1.20
(0.047)
1.50
(0.059)
0.40
(0.016)
0.80
(0.031)
0.25
(0.010)
—
DIMENSIONS:
MM
(INCHES)
Recommended Pad Layout
K
1.50
(0.059)
1.20
(0.047)
1.00
(0.039)
Bottom View
D
E
A
B
C
Top View
Side View
Terminal Material:
ENIG-plated terminals
Recommended Pad Layout
K
1.50
(0.059)
1.20
(0.047)
1.00
(0.039)
Bottom View
D
E
A
B
C
Top View
Side View



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com