Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-FSML175/8 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-FSML175/8
Description  MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSML175/8 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-FSML175/8 Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSML175/8 Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSML175/8 Datasheet HTML 3Page - Bourns Electronic Solutions MF-FSML175/8 Datasheet HTML 4Page - Bourns Electronic Solutions MF-FSML175/8 Datasheet HTML 5Page - Bourns Electronic Solutions MF-FSML175/8 Datasheet HTML 6Page - Bourns Electronic Solutions MF-FSML175/8 Datasheet HTML 7Page - Bourns Electronic Solutions MF-FSML175/8 Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT
Features
n
Surfacemountpackagingforautomated
assembly
n
0603footprintsizeandlowprofileforspace-
constrainedmobileapplications
n
Ultra-lowresistance,quickresponse
n
RoHScompliant*andhalogenfree**
n
Agencyrecognition:
Electrical Characteristics
Model
V max. I max.
Ihold
Itrip
Resistance
Max. Time To Trip
Tripped
Power
Dissipation
Certifications
at 23 °C
at 23 °C Ohms
at 23 °C
Watts at
23 °C
cUL
TÜV
Volts Amps
Amps
Rmin R1max Amps Seconds
Typ.
E174545 R50391579
MF-FSML035/8
8
50
0.35
0.75
0.080
1.000
8.0
0.1
0.5
3
3
MF-FSML050/8
8
50
0.50
1.00
0.060
0.500
8.0
0.6
0.5
3
3
MF-FSML075/8
8
50
0.75
1.50
0.050
0.250
8.0
1.0
0.5
3
3
MF-FSML100/8
8
50
1.00
2.00
0.040
0.220
8.0
2.0
0.5
3
3
MF-FSML125/8
8
50
1.25
2.50
0.020
0.180
8.0
3.0
0.5
3
3
MF-FSML150/8
8
50
1.50
3.00
0.010
0.120
8.0
4.0
0.6
3
3
MF-FSML175/8
8
50
1.75
3.50
0.008
0.070
8.0
5.0
0.6
3
3
MF-FSML200/6
6
50
2.00
4.00
0.006
0.065
8.0
5.0
0.7
3
3
MF-FSML250/6
6
50
2.50
5.00
0.0035 0.060
8.0
5.0
0.7
3
3
MF-FSML260/6
6
50
2.60
5.20
0.0035 0.055
8.0
5.0
0.7
3
3
MF-FSML300/6
6
50
3.00
6.00
0.003
0.050
8.0
5.0
0.7
3
3
Environmental Characteristics
Item
Condition
Criteria
Operating Temperature
-40 °C to +85 °C
Storage Condition
Before Opening
+40 °C max. / 70 % RH max.
After Opening
+40 °C max. / 10 % RH max.
Floor Condition After Opening
Consumption within 4 weeks at floor condition
+30 °C max. / 60 % RH max.
Passive Aging
+85 °C, 1000 hours
±10 % typical resistance change
Humidity Aging
+85 °C, 85 % R.H. 100 hours
±15 % typical resistance change
Thermal Shock
-40 °C to +85 °C, 20 times
±30 % typical resistance change
Vibration
MIL-STD-883C, Method 2007.1 Condition A
No change (Rmin < R < R1max)
Moisture Sensitivity Level (MSL)
See Note
ESD Classification
Class 6 (per AEC-Q200-2, HBM)
* RoHSDirective2015/863,Mar31,2015andAnnex.
**Bournsconsidersaproducttobe“halogenfree”if(a)theBromine(Br)contentis900ppmorless;(b)theChlorine(Cl)
contentis900ppmorless;and(c)thetotalBromine(Br)andChlorine(Cl)contentis1500ppmorless.
Specificationsaresubjecttochangewithoutnotice.Usersshouldverifyactualdeviceperformanceintheirspecific
applications.Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelast
pageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
SELECTOR


Similar Part No. - MF-FSML175/8

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-FSML175/8 BOURNS-MF-FSML175/8 Datasheet
688Kb / 8P
MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
REV. B, 10/21
MF-FSML175/8-2 BOURNS-MF-FSML175/8-2 Datasheet
688Kb / 8P
MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
REV. B, 10/21
More results

Similar Description - MF-FSML175/8

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-NSML BOURNS-MF-NSML Datasheet
391Kb / 4P
Low Ohmic PTC Resettable Fuses
MF-USML175 BOURNS-MF-USML175 Datasheet
321Kb / 4P
Low Ohmic PTC Resettable Fuses
MF-USML BOURNS-MF-USML Datasheet
484Kb / 4P
Low Ohmic PTC Resettable Fuses
MF-ASML-X BOURNS-MF-ASML-X Datasheet
627Kb / 6P
Low Ohmic PTC Resettable Fuses
MF-PSML-X BOURNS-MF-PSML-X Datasheet
760Kb / 7P
Low Ohmic PTC Resettable Fuses
MF-ASML BOURNS-MF-ASML Datasheet
352Kb / 7P
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
MF-FSML-X BOURNS-MF-FSML-X Datasheet
688Kb / 8P
MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
REV. B, 10/21
MF-PSML BOURNS-MF-PSML Datasheet
846Kb / 8P
MF-PSML/X Series - Low Ohmic PTC Resettable Fuses
REV. C, 10/21
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com