Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-FSML050/8-2 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # MF-FSML050/8-2
Description  MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-FSML050/8-2 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  MF-FSML050/8-2 Datasheet HTML 1Page - Bourns Electronic Solutions MF-FSML050/8-2 Datasheet HTML 2Page - Bourns Electronic Solutions MF-FSML050/8-2 Datasheet HTML 3Page - Bourns Electronic Solutions MF-FSML050/8-2 Datasheet HTML 4Page - Bourns Electronic Solutions MF-FSML050/8-2 Datasheet HTML 5Page - Bourns Electronic Solutions MF-FSML050/8-2 Datasheet HTML 6Page - Bourns Electronic Solutions MF-FSML050/8-2 Datasheet HTML 7Page - Bourns Electronic Solutions MF-FSML050/8-2 Datasheet HTML 8Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MF-FSML/X Series - Low Ohmic PTC Resettable Fuses
Packaging Quantity
MF-FSML035/8 ~ MF-FSML125/8 = 6000 pcs. per reel
MF-FSML150/8 ~ MF-FSML300/6 = 4000 pcs. per reel
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Thermal Derating Table - Ihold (Amps)
Model
Ambient Operating Temperature
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
MF-FSML035/8
0.46
0.40
0.38
0.35
0.29
0.26
0.24
0.20
0.14
MF-FSML050/8
0.66
0.57
0.54
0.50
0.41
0.37
0.34
0.28
0.20
MF-FSML075/8
1.00
0.86
0.81
0.75
0.62
0.56
0.51
0.43
0.30
MF-FSML100/8
1.32
1.15
1.08
1.00
0.82
0.74
0.68
0.57
0.40
MF-FSML125/8
1.65
1.43
1.35
1.25
1.04
0.92
0.85
0.71
0.51
MF-FSML150/8
2.00
1.73
1.62
1.50
1.21
1.09
1.02
0.84
0.62
MF-FSML175/8
2.30
2.00
1.89
1.75
1.42
1.28
1.20
0.98
0.71
MF-FSML200/6
2.63
2.27
2.15
2.00
1.63
1.45
1.37
1.12
0.82
MF-FSML250/6
3.27
2.85
2.70
2.50
2.02
1.82
1.70
1.40
1.02
MF-FSML260/6
3.41
2.96
2.80
2.60
2.11
1.90
1.77
1.45
1.05
MF-FSML300/6
3.92
3.42
3.25
3.00
2.42
2.20
2.06
1.68
1.20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com