Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3JB Datasheet(PDF) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # ES3JB
Description  SUPER FAST RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

ES3JB Datasheet(HTML) 2 Page - SAMYANG ELECTRONICS CO.,LTD.

  ES3JB Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. ES3JB Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.diode.co.kr
2.
RATINGS AND CHARACTERISTIC CURVES
ES3AB --- ES3JB
0
1.0
10
0.1
100
0.4
0.6 0.8 1.0
1.2 1.4
1.6
1.8
0.2
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE ,VOLTS
TJ = 25°C
PULSE WIDTH 300us
ES3AB -ES3DB
ES3GB
ES3JB
FIG.3 – TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE ,VOLTS
1
100
10
1
4
10
100
TJ = 25°C f = 1 MHz
ES3GB - ES3JB
ES3AB - ES3DB
FIG. 1 – FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE (°C)
1.0
0
25
2.0
3.0
50
75
100
125
150
175
0.5
1.5
2.5
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
200
150
100
50
0
100
50
20
10
1
2
5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com