Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3JB Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # ES3JB
Description  SURFACE MOUNT RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

ES3JB Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  ES3JB Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. ES3JB Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.7± 0.25
1.3± 0.2
0.2± 0.05
5.4± 0.2
FEATURES
Low cost
Low leakage
Low forward voltage drop
High current capability
MECHANICAL DATA
Case:JEDEC DO-214AA(SMB),molded plastic
Terminals: Solderable per
MIL- STD-202,Method 208
Polarity: Color band denotes cathode
Weight: 0.003 ounces, 0.093 gram
Mounting position: Any
Ratings at 25  ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
ES3JB
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average forward rectified current
@TA=100
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
@TJ=125
Maximum instantaneous forward voltage at 3.0 A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage @TA=125
Typical reverse recovery time
(Note1)
trr
ns
Typical junction capacitance
(Note2)
CJ
pF
Typical thermal resistance
(Note3)
R JA
/W
Operating junction temperature range
TJ
Storage temperature range
TSTG
1.70
SMB
UNITS
- 55 ---- + 150
ES3HB
500
A
100
IFSM
IR
NOTE: 1. Measured with IF=0.5A, IR=1A, Irr=0.25A.
A
ES3HB - - - ES3JB
A
10
Easily cleaned with Alcohol,Isopropanol
and similar solvents
IF(AV)
3.0
SURFACE MOUNT RECTIFIERS
The plastic material carries U/L recognition 94V-0
600
500
420
2. Measured at 1.0MHZ and applied reverse voltage of 4.0V DC.
45
35
25
500
VOLTAGE RANGE: 500 --- 600 V
CURRENT: 3.0 A
- 55 ---- + 150
350
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
3. Thermal resistance f rom junction to ambient and junction to lead P.C.B.mounted on 0.27''X0.27''(7.0X7.0mm2) copper pad areas
Dimensions in millimeters
600
www.diode.co.kr
SAMYANG ELECTRONICS
SAM YANG


Similar Part No. - ES3JB

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
ES3JB WEITRON-ES3JB Datasheet
329Kb / 3P
Surface Mount Super Fast Rectifiers
logo
GOOD-ARK Electronics
ES3JB GOOD-ARK-ES3JB Datasheet
153Kb / 2P
Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
logo
Weitron Technology
ES3JB WEITRON-ES3JB Datasheet
191Kb / 3P
Surface Mount Super Fast Rectifiers
logo
Shenzhen Taychipst Elec...
ES3JB TAYCHIPST-ES3JB Datasheet
1Mb / 2P
SURFACE MOUNT RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
ES3JB YENYO-ES3JB Datasheet
673Kb / 2P
Surface Mount Efficient Fast Recovery Rectifier
More results

Similar Description - ES3JB

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com