Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF3403 Datasheet(PDF) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

Part # TF3403
Description  SOT-23 Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUOFENG [Shenzhen Tuofeng Semiconductor Technology Co]
Direct Link  http://www.sztuofeng.com/?lang=en
Logo TUOFENG - Shenzhen Tuofeng Semiconductor Technology Co

TF3403 Datasheet(HTML) 2 Page - Shenzhen Tuofeng Semiconductor Technology Co

  TF3403 Datasheet HTML 1Page - Shenzhen Tuofeng Semiconductor Technology Co TF3403 Datasheet HTML 2Page - Shenzhen Tuofeng Semiconductor Technology Co TF3403 Datasheet HTML 3Page - Shenzhen Tuofeng Semiconductor Technology Co TF3403 Datasheet HTML 4Page - Shenzhen Tuofeng Semiconductor Technology Co TF3403 Datasheet HTML 5Page - Shenzhen Tuofeng Semiconductor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Min
Typ
Max
Units
BVDSS
-30
V
-1
IGSS
±100
nA
VGS(th)
-
0.8
-1.4
-2.0
V
ID(ON)
-5
A
97
130
166
200
m
Ω
gFS
3
3.8
S
VSD
-0.82
-1
V
IS
-2
A
Ciss
302
370
pF
Coss
50.3
pF
Crss
37.8
53
pF
Rg
612
18
Ω
Qg(10)
6.8
9
nC
Qg(4.5)
2.4
3.1
nC
Qgs
1.6
nC
Qgd
0.95
nC
tD(on)
7.5
ns
tr
3.2
ns
tD(off)
17
ns
tf
6.8
ns
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
VGS=-10V, VDS=-15V, ID=-2.6A
VGS=0V, VDS=-15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge(4.5V)
Gate Source Charge
Gate Drain Charge
Turn-On Rise Time
Turn-Off DelayTime
VGS=-10V, VDS=-15V, RL=5.8Ω,
RGEN=3Ω
Gate resistance
m
Ω
VGS=-4.5V, ID=-2A
IS=-1A,VGS=0V
VDS=-5V, ID=-2.5A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
µA
Gate Threshold Voltage
VDS=VGS ID=-250µA
VDS=-24V, VGS=0V
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
On state drain current
ID=-250µA, VGS=0V
VGS=-4.5V, VDS=-5V
VGS=-10V, ID=-2.6A
Reverse Transfer Capacitance
Total Gate Charge(10V)
TF3403
www.sztuofeng.com
,2018 V1.0
SHENZHEN TUOFENG SEMICONDUCTOR TECHNOLOGY CO.,LTD
SOT-23 Plastic-Encapsulate MOSFETS
2
Mar



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com