Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR Datasheet(PDF) 1 Page - CIT Relay & Switch

Part # STR
Description  Surface Mount, Process Sealed Tactile
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

STR Datasheet(HTML) 1 Page - CIT Relay & Switch

  STR Datasheet HTML 1Page - CIT Relay & Switch STR Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.54
[.10]
5.08
[ 20]
5.08
[20]
2.54
[10]
(2X) 0.30
[.01]
(2X) 0.40
[.02]
2.60
[ 10]
[.02]
[]
POS. 1
POS. 3
POS.2
[.77]
2.00
[.08]
page 1
www.citrelay.com • phone - 763.535.2339
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
STR Rev A 2020/12.
Surface Mount, Process Sealed Tactile
STR
RoHS Compliant
Specifications
Dielectric Strength
250Vrms min
Insulation Resistance
≥100MΩ min
Operating Temperature -40ºC to 85ºC
Storage Temperature
-40ºC to 85ºC
Sealing Degree
IP67
Quantity per reel
4.3mm = 1K pieces per reel
5.0mm = 1K pieces per reel
7.3mm = 700 pieces per reel
Electrical Ratings
50mA @ 48VDC
Electrical Life
500,000 cycles typical
Contact Resistance
≤50mΩ initial
Actuation Force
160 ± 50gF
200 ± 50gF
260 ± 50gF
Actuator Travel
.28mm +.20mm / -.10mm
Actuator
PA6T Nylon
Actuator Cover
Brass, Tin Plated
Switch Housing
PPS
Seal
Silicon, Rubber
Contacts
Stainless Steel, Silver Plated
Terminals
Copper Alloy, Silver Plated
1. Series
STR
5.0
L
F200
Q
G
STR
2. Actuator Height
4.3 = 4.3mm
5.0 = 5.0mm
7.3 = 7.3mm
3. Contact Options
L = Stainless Steel Dome
4. Actuation Force
F160 = 160gF
F200 = 200gF
F260 = 260gF
5. Contact Material
Q = Silver plated contacts
6. Terminal Options
G = Gull Wing
Materials
Ordering Information
22.000000
2 00
0
008
088]]
Specifications
PPPPPPPPPPPPPPPPPPPP
S
((((((222
(222X
22X)
22X)
2X)
X
2XXX
2X
2X
2XXXX)
X))))
(((2222X
2X
22222X)
X)
X
(2X
2XX)))
2X)
(((22222X)
2XXXXX))
((( )
( ))))
(((( )))))
(( )
((( )))
(((((2222222222X)
XXXXXXXXXX)
XX)))))
((((22222222XXXXX)))
(2X
2X)
XXXXX))
((((22222222XX
2XXX)
X))
(((22222222X)
XXXX)))) 00000.44400
0000000000000.440
0000000.4440
0000
[[[[[.00
.0
[.02
00
[.02
[.02
[.02
[.02
[.02
022
[[[[.02
.02
[00
.0002
[.022
[[[[[ 000
.00
[[[[.02
[002
[[[[[ 22
[[ 02
[.0222
[[[[ 2
[[[[[[[[.02
0
[.0
[[ 22
[.02
022
00002]]]]]]]]]]
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
OSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSS.
SSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSS 1111111111111111111111111111
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
OSSSSSSSSSSSSSSSS 111
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
O
OSSSSSSSSSSSSSSSSS 11111
PPPPPPPPPPPPPPO
O
O
O
O
O
O
PO
PO
O
O
O
PPPPPPPPPPPO
PO
O
O
O
O
O
PPPPPPPPPPPPPO
PPO
O
PO
O
O
O
PPPPPPPPO
O
O
O
O
O
O
O
PPPPPPPPO
PO
PO
PO
O
O
O
O
O
O
PPPPPPPO
O
O
O
O
PPPPPO
O
O
O
PPPPPPPO
PPPPPPPPO
O
O
O
O
PPPPPPPPPPO
O
O
PPPPPPPPPPPO
PO
O
O
O
O
O
O
PPPPPPPO
O
O
PPPPPO
O
O
O
O
O
PPO
O
O
O
O
O
O
O
O
O
O
O
PO
PPPO
O
O
O
O
O
O
O
PO
PO
PPO
O
O
O
O
PO
PO
O
O
O
O
O
O
O
PPPO
PO
PO
PPPO
O
O
O
O
PO
PPO
PPO
O
O
PO
PPPO
PPO
O
PPO
PPPOSSSSSSSSSSS.
SSSSSSSS.
SSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSS.
S.
SSSSSS..
SSSSSSSSSSSSSSSSS.
S.
SSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSSS 3333333333333333333333333333333333333333333333333333333333333333333333333333333333
PPPPPPPPPPPPPPO
O
O
O
O
O
O
O
O
O
PPPPPPPPPPPPO
O
OSSSSSSSSSSSSS 333333333
PPO
O
O
O
O
O
O
PPPPPPPPPPPPPO
O
O
PPPPPPPPPPPO
O
O
O
O
O
OSSSSSSSSSSSSSSSSSS 333333333
PPO
PO
PO
O
O
OSS.2
22222
[[[[.[.[000
Specifications
RECOMMENDED REFLOW SOLDERING TEMPERATURE PROFILE
5 ~ 10 s
5 s max Peak Temp.
60 s max
120 ~ 150 s
60 s max
30 s
max
TIME
TEMPERATURE
150
~
230
~
255
~
MAX 260
~ C
AMBIENT
TEMPERATURE
Recommended Reflow Soldering Diagram


Similar Part No. - STR

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
STR XPPOWER-STR Datasheet
360Kb / 4P
Switching Regulator
logo
Sanken electric
STR 2A153 SANKEN-STR 2A153 Datasheet
357Kb / 18P
DIP8 package, connecting one side (pin5 to pin8) with a power MOSFET drain.
logo
List of Unclassifed Man...
STR 450A ETC-STR 450A Datasheet
96Kb / 7P
UHF RECEIVER OPERATING INSTRUCTIONS
1.1/October 1998
STR D1816 ETC-STR D1816 Datasheet
39Kb / 1P
STRD1816
logo
Sanken electric
STR X6759 SANKEN-STR X6759 Datasheet
495Kb / 9P
Off-Line Quasi-Resonant Switching Regulators
More results

Similar Description - STR

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3WN OMRON-B3WN Datasheet
352Kb / 4P
Sealed Tactile Switch
B3WN OMRON-B3WN_10 Datasheet
304Kb / 4P
Sealed Tactile Switch
B3S1002P OMRON-B3S1002P Datasheet
244Kb / 3P
Sealed Tactile Switch (SMT)
logo
C&K Components
KT11B1SM CK-COMPONENTS-KT11B1SM Datasheet
430Kb / 3P
Sealed Tactile Switches
logo
Copal Electronics
SMT1 COPAL-SMT1 Datasheet
576Kb / 2P
Surface Mount Tactile Switches
SMT3 COPAL-SMT3 Datasheet
676Kb / 2P
Surface Mount Tactile Switches
logo
Omron Electronics LLC
B3W OMRON-B3W_V01 Datasheet
457Kb / 6P
Sealed Tactile Switch
logo
CIT Relay & Switch
STJV CIT-STJV Datasheet
461Kb / 1P
Right Angle, Multi-Directional Actuator, Process Sealed Tactile
Rev B 11/2022
STS CIT-STS Datasheet
264Kb / 2P
Surface Mount Process Sealed Tactile
Rev B 11/2022
STJ CIT-STJ Datasheet
258Kb / 1P
Multi-Directional Actuator, Process Sealed Tactile
Rev B 11/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com