Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STNRG011A Datasheet(PDF) 21 Page - STMicroelectronics

Part # STNRG011A
Description  Digital combo multi-mode PFC and time-shift LLC resonant controller
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STNRG011A Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STNRG011A Datasheet HTML 17Page - STMicroelectronics STNRG011A Datasheet HTML 18Page - STMicroelectronics STNRG011A Datasheet HTML 19Page - STMicroelectronics STNRG011A Datasheet HTML 20Page - STMicroelectronics STNRG011A Datasheet HTML 21Page - STMicroelectronics STNRG011A Datasheet HTML 22Page - STMicroelectronics STNRG011A Datasheet HTML 23Page - STMicroelectronics STNRG011A Datasheet HTML 24Page - STMicroelectronics STNRG011A Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
10.8.7
LLC_AUX disconnection
If the pure external burst-mode is enabled and the LLC_AUX pin is stuck at 0 V during the burst and the
LLC_FB pin is higher than the burst comparator threshold, after 32 burst packets, the system enters LLC_AUX
disconnection protection (latched) and it is shut down if the disconnection faults detection is enabled in NVM.
10.9
ADC
The system ADC is an 8-channel 15-MHz SAR 10-bit A/D converter.
It needs 7 cycles (470 ns) for sampling and 11 cycles (740 ns) to convert the data.
It is controlled by a SW programmable scheduler allowing flexible system signals reading:
•
Fixed time sequence conversion
•
Event driven sequence conversion
Table 8. ADC input signals
Signal
Pin
Notes
FSR
Input line voltage
VAC
Internal voltage divider
484.5 V
PFC feedback voltage
PFC_FB
Direct reading
2.5 V
LLC feedback voltage
LLC_FB
Direct reading
2.5 V
10.10
Burst-mode
10.10.1
Specific resources
Burst comparator on LLC_FB pin
The LLC BURST comparator at the LLC_FB pin is used to wake-up the system, in order to perform a burst
sequence.
The comparator is alive also during sleep and the wake-up threshold is programmable (0.75 V, 1 V, 1.25 V).
External burst-mode comparator on LLC_AUX pin
The external burst-mode comparator with the 0.9 V threshold on the LLC_AUX pin is used to enter / exit the
burst-mode using an external digital signal. The external burst-mode operation can be enabled / disabled using a
NVM bit.
30-kHz system oscillator
A 30-kHz oscillator (always on) keeps the system alive.
10.10.2
Algorithm
The system can manage the deep sleep state with very low VCC current consumption (500 µA).
The system in deep sleep
•
Monitors the AC line for X-cap discharge and brown-out condition
•
Monitors the burst comparator to detect wake condition
•
Monitors the VCC for data integrity
•
All RAM data are maintained
The device implements two different burst-mode algorithms: the LLC_FB burst or external burst. The first one is
based on just the LLC_FB pin voltage, the second one is based on the external BM comparator on the LLC_AUX
pin that can be driven sensing the output current.
The burst-mode can be programmed to depends either on the LLC_FB pin only, or LLC_AUX pin only, or both.
This third possibility is called hybrid external burst.
In case of the LLC_FB burst-mode, the device enters the sleep mode if the LLC_FB pin voltage goes below a
programmable threshold. The burst switching activity is enabled after the burst comparator is triggered.
The normal switching activity is restored if the time between two bursts is lower than
a programmable threshold. This time defines a precise power level at which the controller exits the burst-mode. In
order to have a faster response to the big load transient the system exits the burst-mode also if the LLC_FB pin
voltage is still above the burst comparator threshold after one burst packet.
STNRG011A
ADC
DS13973 - Rev 2
page 21/31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com