Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/A1L Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RZ/A1L
Description  RTOS-Based MPU Introduction to Renesas RZ/A Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/A1L Datasheet(HTML) 2 Page - Renesas Technology Corp

  RZ/A1L Datasheet HTML 1Page - Renesas Technology Corp RZ/A1L Datasheet HTML 2Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
*1 Frequency limitations apply
*2 2ch can be used simultaneously
*3 For industrial/consumer use
renesas.com
Corporate Headquarters
TOYOSU FORESIA, 3-2-24 Toyosu, Koto-ku, Tokyo 135-0061, Japan
www.renesas.com
Trademarks
Arm® and Cortex® are registered trademarks of Arm Limited. Renesas and the Renesas
logo are trademarks of Renesas Electronics Corporation. All trademarks and registered
trademarks are the property of their respective owners.
Contact information
For further information on a product, technology, the most up-to-date version of a
document, or your nearest sales office, please visit:
www.renesas.com/contact/
© 2022 Renesas Electronics Corporation. All rights reserved.
RENESAS RZ/A SERIES
Benefits of RZ/A1 Group, and RZ/A2M MPUs
Conventional MPU
5V/12V
5V/12V
Regulator
3.3V
Regulator
1.5V / 0.75V
Regulator
1.2V
Regulator
3.3V
NOR
Flash
6PCBlayersfor1.2V,3.3V,1.5V/0.75V(DDR3)
4PCBlayersfor1.2V,3.3V
DRAM
(DDR3)
SPI Flash
Conventional MPU
Regulator
1.2V
RZ/A1,A2M
Higher costs
Advantages
•No need to design a
high-speed interface
•Reduced mounting area
•Reduced PCB cost
•No DRAM procurement issues
•Reduced EMI noise
RZ/A1, A2M concept
■ Include on-chip graphics display and camera input capabilities
Page0
(2MB)
[1MB]
{512KB}
Page1
(2MB)
[1MB]
{512KB}
Page2
(2MB)
[1MB]
{512KB}
Page3
(2MB)
[1MB]
{512KB}
Page4
(2MB)
[1MB]
{1MB}
Video Display Controller ch1
(A1H and A1M only)
Video Display Controller ch0
Buffer
Use of graphics bus by
VDC to fetch multiple
layers of display data
Storage of input images
via graphics bus
Internal
Graphics bus
Page0
(2MB)
[1MB]
《512KB》
{512KB}
〈512KB〉
Page1
(2MB)
[1MB]
《512KB》
{512KB}
〈512KB〉
Page2
(2MB)
[1MB]
《1MB》
{512KB}
〈512KB〉
Page3
(2MB)
[1MB]
《1MB》
{512KB}
〈512KB〉
Page4
(2MB)
[1MB]
《1MB》
{1MB}
〈—〉
Large-capacity on-chip RAM
CPU
1
2
3
4
Integration of multiple layers of data and output to LCD
{
A1H (10MB)
A1M [5MB]
A2M
《4MB》
A1L, A1LU {3MB}
A1LC
〈2MB〉
■ Eliminate the need to design
a high-speed interface
■ Reduced mounting area
■ Reduced PCB cost
■ No DRAM procurement issues
■ Reduced EMI noise
Product Information
RZ/A1H, RZ/A1M
RZ/A1LU
RZ/A1L
RZ/A1LC
RZ/A2M
RZ/A3UL
CPU/Frequency
Cortex-A9/400MHz
Cortex-A9/528MHz
Cortex-A55/1.0GHz
On-Chip RAM
5MB / 10MB
3MB
2MB
4MB
128KB (w/ ECC)
Supported Flash
ROM
NOR, Serial (DDR*1),
NAND
NOR,
Serial (DDR)
NOR,
Serial (SDR)
NOR, Serial (DDR), NAND,
HyperFlash, OctaFlash
Serial (DDR),
OctaFlash
RAM Interface
SDRAM
SDRAM, HyperRAM,
OctaRAM
DDR3L/DDR4, OctaRAM
Graphics Engine
2D (OpenVG)
Unavailable
2D, Sprite Engine
Unavailable
LCD Controller
VDC5 (2ch)
VDC5 (1ch)
VDC6 (1ch)
LCDC (1ch)
Camera
Interface
Digital (Parallel)Analog
Digital (Parallel)
Digital
(Parallel/Serial: MIPI)
Digital
(Serial: MIPI)
JPEG Codec Unit
Available
Unavailable
Available
Unavailable
Connectivity
2 x USB2.0(FS/HS)
2 x SDHI
1 x 10/100base Ethernet
2 x USB2.0 (FS/HS/OTG)
2 x SDHI (UHS-I)
2 x 10/100base Ethernet*2
1 x USB2.0 Host
1 x USB2.0 (Host/Function)
2x SDHI (UHS-I)
2 x 10/100/1000 Ethernet*2
Package
256QFP, 324BGA,
256BGA*3
176QFP, 208QFP,
233BGA, 176BGA*3
176QFP, 208QFP,
176BGA*3
176BGA*3
324BGA*3, 272BGA*3,
256BGA*3, 176BGA*3
361PBGA*3
For more information, visit www.renesas.com/rza
■ RZ/A2M MPUs with DRP improve image processing performance by 10X over RZ/A1 MPUs
– Dynamically Reconfigurable Processor (DRP) technology accelerates image processing
– Enables hybrid e-AI solutions with DRP for image processing + CPU for inference
Benefits of RZ/A3UL
■ 64bit CPU@1GHz RTOS MPU
■ Choice of two memory I/Fs for different applications
– Octal-SPI Flash/Octal-SPI RAM: For simple and low cost PCB design
– DDR3L/DDR4: For high resolution HMI and camera use cases
■ Pin-compatible RZ/A3UL (RTOS) and RZ/G2UL (Linux) for easy migration
– The 361-pin package is pin-compatible between RZ/A3UL and RZ/G2UL
Document Number: R01PF0230EU0100



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com