Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC18R Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PAC18R
Description  PAC18R - 18 mm Low Profile Absolute Encoder
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PAC18R Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PAC18R Datasheet HTML 1Page - Bourns Electronic Solutions PAC18R Datasheet HTML 2Page - Bourns Electronic Solutions PAC18R Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAC18R - 18 mm Low Profile Absolute Encoder
Features
n
Lowprofileabsoluteencoder
n
High-classrotationalfeel
n
Hapticdetentfeedback
n
Sealedshaft
n
Insulatedplasticshaftandbushing
n
RoHScompliant*
Electrical Characteristics
Output����������������������������������4-bit gray code
Contact Rating������������������ 1 mA @ 10 VDC
Insulation Resistance
�������� 10 megohms minimum @ 500 VDC
Dielectric Withstanding Voltage
Sea Level�������������������500 VAC minimum
Contact Resistance ���� 100 ohms maximum
Environmental Characteristics
Operating Temperature Range
������� -35 °C to +70 °C (-22 °F to +158 °F)
Storage Temperature Range
������� -40 °C to +80 °C (-40 °F to +185 °F)
IP Rating��������������������������������������������� IP 64
Mechanical Characteristics
RPM (Operating) �������������������� 60 maximum
Mechanical Angle �������������360 ° continuous
Torque
Starting and Running ������10 to 200 gf-cm
Detent ���������������������������350 to 650 gf-cm
Mounting ������������������� 7 kgf-cm maximum
Rotational Life�������� 30�000 cycles minimum
Soldering Condition
Wave Soldering������ 260 °C for 3 seconds
Manual Soldering��� 350 °C for 3 seconds
Hardware��������One flat washer and one hex
nut supplied with threaded bushing versions
*RoHSDirective2015/863,Mar31,2015andAnnex.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheir
specificapplications.
Theproductsdescribedhereinandthisdocumentare
subjecttospecificlegaldisclaimersassetforthonthe
lastpageofthisdocument,andatwww.bourns.com/
docs/legal/disclaimer.pdf.
WARNING
Cancer and Reproductive Harm
www.P65Warnings.ca.gov
CAUTION
Donotstoreproductinhightemperatureandhumidity,directsunlightand/orplaceswherecorrosivegases
maybegenerated.Pleaseuseproductwithin6monthsfromthedateofdeliveryandpromptlyafterunpacking.
Product Dimensions
3.7
(.146)
3.5
(.138)
5 PLCS.
9.2
(.362)
L ± 0.5
(L ± .02)
F ± 0.2
(F ± .008)
5.0 ± 0.1
(.197 ± .004)
10.0
(.394)
10.0
(.394)
5.0
(.197)
2
4 5 3
1
2.5
(.098)
12.5
(.492)
6.34 ± 0.05
(.250 ± .002)
DIA.
STARTING
POSITION
ALL 12 & 16
POSITION
MODELS
GND
DIA.
5.84
(.23)
18.8
(.740)
20.2
(.795)
11.1
(.437)
3
(.118)
2
(.079)
9.5
(.374)
3.7
(.146)
3.5
(.138)
5 PLCS.
9.2
(.362)
L ± 0.5
(L ± .02)
F ± 0.2
(F ± .008)
10.0
(.394)
10.0
(.394)
5.0
(.197)
2
4 5 3
1
2.5
(.098)
12.5
(.492)
6.34 ± 0.05
(.250 ± .002)
DIA.
STARTING
POSITION
ALL 8
POSITION
MODELS
GND
DIA.
5.0 ± 0.10
(.197 ± .004)
5.84
(.23)
18.8
(.740)
20.2
(.795)
11.1
(.437)
3
(.118)
2
(.079)
9.5
(.374)
DIMENSIONS:
MM
(INCHES)
DIMENSIONS:
MM
(INCHES)
Shaft Configurations
Recommended PCB Layout
L
19�5
(�768)
21�5
(�846)
28�9
(1�138)
F
6�5
(�256)
13�66
(�548)
15�7
(�618)
DIMENSIONS:
MM
(INCHES)
19.6
(.771)
2.2
(.087)
2.0
(.079)
11
(.433)
2
4 5 3 1
1.0 +0.2/-0
(.039 +.008/-0)
DIA.
5 PLCS.
2.5
(.098)
12.5
(.492)
3.75
(.148)
GND
PAC18R1-3XXXXF
PAC18R1-4XXXXF
Hardware
12.4 ± 0.5
(.488 ± .020)
2.2 ± 0.2
(.087 ± .008)
0.5
(.020)
9.5 ± 0.2
(.374 ± .008)
DIA.
15.9 ± 0.5
(.626 ± .020)
DIA.
3/8 x 32
NUT
WASHER
Additional Information
Click these links for more information:
PRODUCT TECHNICAL
LIBRARY
INVENTORY SAMPLES
CONTACT


Similar Part No. - PAC18R

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PAC100-CxDA11 P-TEC-PAC100-CxDA11 Datasheet
914Kb / 9P
Easy mounting on PCB or socket
PAC100-CxDG05 P-TEC-PAC100-CxDG05 Datasheet
914Kb / 9P
Easy mounting on PCB or socket
PAC100-CxDG17 P-TEC-PAC100-CxDG17 Datasheet
914Kb / 9P
Easy mounting on PCB or socket
PAC100-CxDR02 P-TEC-PAC100-CxDR02 Datasheet
914Kb / 9P
Easy mounting on PCB or socket
PAC100-CxDR11 P-TEC-PAC100-CxDR11 Datasheet
914Kb / 9P
Easy mounting on PCB or socket
More results

Similar Description - PAC18R

ManufacturerPart #DatasheetDescription
logo
CUI INC
MAS10 CUI-MAS10 Datasheet
73Kb / 3P
absolute encoder
MAH36 CUI-MAH36 Datasheet
106Kb / 3P
absolute encoder
MAH17 CUI-MAH17 Datasheet
107Kb / 3P
absolute encoder
MAS17 CUI-MAS17 Datasheet
125Kb / 3P
absolute encoder
MAS60 CUI-MAS60 Datasheet
334Kb / 3P
absolute encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
Absolute encoder / absolute code output
logo
ASM GmbH
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
Absolute Encoder Output
logo
Pepperl+Fuchs Inc.
AHS58-0 PF-AHS58-0 Datasheet
305Kb / 6P
Singleturn absolute encoder
ASS58-0 PF-ASS58-0 Datasheet
351Kb / 7P
Singleturn absolute encoder
AVM58-H PF-AVM58-H Datasheet
431Kb / 8P
Multiturn absolute encoder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com