Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVM4A503C01B00 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # PVM4A503C01B00
Description  Sealed construction protects the interior from dust and liquid, which achieves stable performance.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

PVM4A503C01B00 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  PVM4A503C01B00_V01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd PVM4A503C01B00_V01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd PVM4A503C01B00_V01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
PVM4A503C01B00
Note: This datasheet may be out of date.
Please download the latest datasheet of PVM4A503C01B00 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=PVM4A503C01B00
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated09/05/2022
Specifications
Power Rating
0.1W
Shape
SMD
Maximum Working Voltage
50Vdc
Adjustment Direction
Top
Size
4mm
Auto Adjustment
Yes
Number of Turns (Effective
Rotation Angle)
1(240°±10°)
Mechanical Rotation Angle
Endless
Total Resistance Value
50kΩ
Total Resistance Value
 
Tolerance
±25%
Temperature Coefficient of
Resistance
±250ppm/
℃
Resistance Taper
B (Linear)
Contact Resistance Variation
3% max. of nominal total
resistance value
Residual Resistance
2% max. of nominal total
resistance value
Soldering Method
Reflow,Soldering Iron
Torque
2.0 to 24.5mN
・m
Measure Condition of
RatedPower
70
℃
Operating Temperature
Range
125
℃ to -55℃
Mass
0.08g
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com