Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM6412...ALV Datasheet(PDF) 7 Page - Texas Instruments

Part # AM6412...ALV
Description  AM64x Sitara™ Processors
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6412...ALV Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM6412...ALV Datasheet HTML 3Page - Texas Instruments AM6412...ALV Datasheet HTML 4Page - Texas Instruments AM6412...ALV Datasheet HTML 5Page - Texas Instruments AM6412...ALV Datasheet HTML 6Page - Texas Instruments AM6412...ALV Datasheet HTML 7Page - Texas Instruments AM6412...ALV Datasheet HTML 8Page - Texas Instruments AM6412...ALV Datasheet HTML 9Page - Texas Instruments AM6412...ALV Datasheet HTML 10Page - Texas Instruments AM6412...ALV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 244 page
background image
4 Revision History
Changes from February 25, 2022 to July 15, 2022 (from Revision C (FEBRUARY 2022) to
Revision D (JULY 2022))
Page
• (Description): Updated/Changed the "Device Information" table title to now "Package Information"................. 4
• (Device Comparison): Removed the JTAG Device ID feature code C and added the JTAG Device ID feature
code D for AM6422...........................................................................................................................................10
• (ALV FCBGA-N441 Pin Diagram): Changed the definition of pins J15 and J16 to represent a change
implemented in SR 2.0 devices........................................................................................................................ 13
• (Pin Attributes - TYPE: Signal type and direction): Added "OD" signal type and direction............................
...14
• (Pin Attributes - Pins J15 and J16): Changed the definition of pin J15 from VDDS_MMC0 to ADC0_REFP,
and pin J16 from VSS to ADC0_REFN to represent a change implemented in SR 2.0 devices......................17
• (Pin Attributes - Pins A18 and B18): Removed the UART6_CTSn and UART6_RTSn signal functions from
these pins......................................................................................................................................................... 17
• (Pin Attributes - Pin N21): Changed the BALL STATE AFTER RESET RX/TX/PULL value from “On / Off / Off”
to “Off / Off / Off” to represent a change implemented in SR 2.0 devices.........................................................17
• Pin Attributes - Pins C20 and D19): Changed the DSIS values for the MMC1_SDCD and MCC1_SDWP
signal functions from “1” to “0”.......................................................................................................................... 17
• (Pin Attributes - Pins D10 and E10): Defined the DSIS values for the EMU0 and EMU1 signal functions.......17
• (Pin Attributes - Pins A10, A18, B18, C19, and E9): Changed the TYPE value for the GPIO signal function
associated with each of these pins from "IO" to "IOD" since the IO associated with each pin has an open-
drain output.......................................................................................................................................................17
• (Signal Descriptions - PIN TYPE): Added "OD" signal type and direction...................................................
.....59
• (ADC0 Signal Descriptions): Added the ADC0_REFP and ADC0_REFN signals and included a note that
describes connectivity expectations for these analog inputs.........................................................................
... 59
• (ADC0 Signal Descriptions): Added a note and note references to identify each GPIO with a debounce
function on its input......................................................................................................................................
....59
• (ADC0 Signal Descriptions): Added a note that clarifies ADC0_AIN[7:0] inputs only have hysterisis when
ADC0 is configured to operate in GPI mode ..................................................................................................
..59
• (ADC0 Signal Descriptions): Added a note that clarifies connectivity expectations for unused ADC0_AIN[7:0]
inputs..............................................................................................................................................................
..59
• (GPIO0 Signal Descriptions): Added a note and note references to identify each GPIO with a debounce
function on its input..................................................................................................................................
.......59
• (GPIO1 Signal Descriptions): Added a note and note references to identify each GPIO with a debounce
function on its input........................................................................................................................................
...59
• (GPIO1 Signal Descriptions): Changed the PIN TYPE value of GPIO1_64, GPIO1_65, and GPIO1_70 from
"IO" to "IOD" since the IOs associated with these signals have an open-drain output..................................
...59
• (MCU_GPIO0 Signal Descriptions): Added a note and note references to identify each GPIO with a debounce
function on its input.......................................................................................................................................
...59
• (MCU_GPIO0 Signal Descriptions): Changed the PIN TYPE value of MCU_GPIO1_18 and MCU_GPIO1_19
from "IO" to "IOD" since the IO associated with these signals have an open-drain output..........................
.....59
• (Power Supply Signal Descriptions): Removed J15 from the list of VDDS_MMC0 pins and K16 from the list of
VSS pins.......................................................................................................................................................
... 59
• (UART6 Signal Descriptions): Removed pin A18 from the list of UART6_CTSn pins and removed pin B18
from the list of UART6_RTSn pins..................................................................................................................
..59
• (USB0 Signal Descriptions): Update the calibration resistor value in the note to a standard 1% value and
defined the maximum power dissipation expected for this resistor...............................................................
....59
• (Pin Connectivity Requirements): Included VMON connectivity requirements................................................. 94
• (Pin Connectivity Requirements): Included ADC0_REFP and ADC0_REPN connectivity requirements when
ADC0 is not used..............................................................................................................................................94
• (Absolute Maximum Ratings): Updated the "Operation outside the Absolute Maximum Ratings may cause …"
disclaimer footnote............................................................................................................................................98
www.ti.com
AM6442, AM6441, AM6421, AM6412, AM6411
SPRSP56D – JANUARY 2021 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com