Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2434BSDFHIALVR Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AM2434BSDFHIALVR
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM2434BSDFHIALVR Datasheet(HTML) 49 Page - Texas Instruments

Back Button AM2434BSDFHIALVR Datasheet HTML 45Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 46Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 47Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 48Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 49Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 50Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 51Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 52Page - Texas Instruments AM2434BSDFHIALVR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 280 page
background image
Table 6-1. Pin Attributes (ALV, ALX Packages) (continued)
ALV Ball
Number
[1]
ALX Ball
Number
[1]
Ball Name [2]/
PadConfig
Register [15]/
Address [16]
Signal Name [3]
Mux
Mode [4]
Type
[5]
DSIS
[6]
Mux
Mode
After
Reset [9]
Ball
State
During
Reset [7]
Ball
State
After
Reset [8]
IO
Voltage [10]
Power
Domain [11]
Hys
[12]
Pull
Type
[13]
Buffer
Type [14]
Y9
Y7
PRG1_PRU0_GPO15
PADCONFIG61
0x000F40F4
PRG1_PRU0_GPO15
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI15
1
I
0
PRG1_RGMII1_TX_CTL
2
O
PRG1_PWM0_B1
3
IO
1
GPIO0_60
7
IO
pad
GPMC0_AD31
8
IO
0
V9
W6
PRG1_PRU0_GPO16
PADCONFIG62
0x000F40F8
PRG1_PRU0_GPO16
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI16
1
I
0
PRG1_RGMII1_TXC
2
IO
0
PRG1_PWM0_A2
3
IO
0
GPIO0_61
7
IO
pad
GPMC0_BE2n
8
O
U7
T2
PRG1_PRU0_GPO17
PADCONFIG63
0x000F40FC
PRG1_PRU0_GPO17
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI17
1
I
0
PRG1_IEP0_EDC_SYNC_OUT1
2
O
PRG1_PWM0_B2
3
IO
1
CPTS0_TS_SYNC
4
O
TIMER_IO7
6
IO
0
GPIO0_62
7
IO
pad
GPMC0_A0
8
OZ
V7
Y4
PRG1_PRU0_GPO18
PADCONFIG64
0x000F4100
PRG1_PRU0_GPO18
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI18
1
I
0
PRG1_IEP0_EDC_LATCH_IN0
2
I
0
PRG1_PWM0_TZ_IN
3
I
0
CPTS0_HW1TSPUSH
4
I
0
TIMER_IO8
6
IO
0
GPIO0_63
7
IO
pad
GPMC0_A1
8
OZ
W7
U3
PRG1_PRU0_GPO19
PADCONFIG65
0x000F4104
PRG1_PRU0_GPO19
0
IO
0
7
Off / Off / Off
Off / Off / Off
1.8 V/3.3 V
VDDSHV2
Yes
PU/PD
LVCMOS
PRG1_PRU0_GPI19
1
I
0
PRG1_IEP0_EDC_SYNC_OUT0
2
O
PRG1_PWM0_TZ_OUT
3
O
CPTS0_TS_COMP
4
O
TIMER_IO9
6
IO
0
GPIO0_64
7
IO
pad
GPMC0_A2
8
OZ
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com