Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2432...ALX Datasheet(PDF) 277 Page - Texas Instruments

Part # XAM2432...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2432...ALX Datasheet(HTML) 277 Page - Texas Instruments

Back Button XAM2432...ALX Datasheet HTML 272Page - Texas Instruments XAM2432...ALX Datasheet HTML 273Page - Texas Instruments XAM2432...ALX Datasheet HTML 274Page - Texas Instruments XAM2432...ALX Datasheet HTML 275Page - Texas Instruments XAM2432...ALX Datasheet HTML 276Page - Texas Instruments XAM2432...ALX Datasheet HTML 277Page - Texas Instruments XAM2432...ALX Datasheet HTML 278Page - Texas Instruments XAM2432...ALX Datasheet HTML 279Page - Texas Instruments XAM2432...ALX Datasheet HTML 280Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 277 / 280 page
background image
www.ti.com
PACKAGE OUTLINE
11.1
10.9
11.1
10.9
1 MAX
0.29
0.15
293X
0.37
0.27
10 TYP
10 TYP
0.5 TYP
0.5 TYP
(0.5)
(0.5)
FCBGA - 1 mm max height
ALX0293A
PLASTIC BALL GRID ARRAY
4226368/A 10/2020
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1
CORNER
0.15 C
0.1 C
SEATING PLANE
0.2 C
0.15
C A B
0.05
C
SYMM
SYMM
1
A
2
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20 21
SCALE 1.500
A
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com