Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XAM2432...ALX Datasheet(PDF) 13 Page - Texas Instruments

Part # XAM2432...ALX
Description  AM243x Sitara™ Microcontrollers
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

XAM2432...ALX Datasheet(HTML) 13 Page - Texas Instruments

Back Button XAM2432...ALX Datasheet HTML 9Page - Texas Instruments XAM2432...ALX Datasheet HTML 10Page - Texas Instruments XAM2432...ALX Datasheet HTML 11Page - Texas Instruments XAM2432...ALX Datasheet HTML 12Page - Texas Instruments XAM2432...ALX Datasheet HTML 13Page - Texas Instruments XAM2432...ALX Datasheet HTML 14Page - Texas Instruments XAM2432...ALX Datasheet HTML 15Page - Texas Instruments XAM2432...ALX Datasheet HTML 16Page - Texas Instruments XAM2432...ALX Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 280 page
background image
Table 5-1. Device Comparison (continued)
FEATURES(1)
REFERENCE
NAME
AM2434
(ALV)
AM2432
(ALV)
AM2431
(ALV)
AM2434
(ALX)
AM2432
(ALX)
AM2431
(ALX)
Fast Serial Interface
FSI_TX
2
1
FSI_RX
6
4
Flash Subsystem (FSS)
OSPI0
Yes(6)
QSPI-Mode Only
PCI Express Port with Integrated PHY
PCIE
Single Lane
-
Programmable Real-Time Unit
Subsystem(7)
(PRU Cores, eGPIO, UART, ECAP.
EPWM)
PRU_ICSSG
2
Industrial Communication Subsystem
Support(8)
(RGMII/MII and additional Networking
Interfaces)
PRU_ICSSG
Optional
Gigabit Ethernet Interface
CPSW
Yes (2 External Ports)
General-Purpose Timers
TIMER
16 (4 in MCU Domain)
Enhanced Pulse-Width Modulation
Module
EPWM
9
7(9)
Enhanced Capture Module
ECAP
3
Enhanced Quadrature Encoder Pulse
Module
EQEP
3
Universal Asynchronous Receiver/
Transmitter
UART
9 (2 in MCU Domain)
8 (1 in MCU Domain)
Universal Serial Bus (USB3.1 Gen1)
SuperSpeed Dual-Role-Device (DRD)
Port with SS PHY
USB
Yes(10)
No USB SuperSpeed Support
(USB2 Only)
(1)
Features noted as “not supported” or "-", must not be used. Their functionality is not supported by TI for this family of devices. These
features are subject to removal without notice on future device revisions. Any information regarding the unsupported features has been
retained in the documentation solely for the purpose of clarifying signal names or for consistency with previous feature descriptions.
(2)
For more details about the CTRLMMR_JTAG_DEVICE_ID register and DEVICE_ID bit field, see the device's associated Technical
Reference Manual.
(3)
Functional Safety is available when selecting an orderable part number that includes a feature code* of F.
(4)
The R5F cores share Tightly-Coupled Memory within a cluster and can be allocated per system requirements.
(5)
Full CAN-FD Support is available when selecting an orderable part number that includes a feature code* of E or F.
(6)
One simultaneous flash interface configured as OSPI0 or QSPI0.
(7)
Programmable Real-Time Unit Subsystem is available when selecting an orderable part number that includes a feature code* of C.
(8)
Industrial Communication Subsystem support is available when selecting an orderable part number that includes a feature code* of D,
E, or F.
(9)
Only the PWM_A output signal is available for the EHRPWM5 instance of the ALX package type.
(10) Please refer to device Software Build sheet for details regarding USB driver support.
Note
For a definition of each "feature code" in the footnotes above, refer to Device Naming Convention.
www.ti.com
AM2434, AM2432, AM2431
SPRSP65D – APRIL 2021 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AM2434 AM2432 AM2431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com