Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1924 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1924
Description  isc Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1924 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1924 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1924 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
2
isc Website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon PNP Power Transistor
2SA1924
ELECTRICAL CHARACTERISTICS
TC =25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCEO
Collector-Emitter
Sustaining
Voltage
IC= 1.0mA; IB= 0
-400
V
VCBO
Collector-Base Breakdown Voltage IC= 1.0mA; IE= 0
-500
V
VEBO
Emitter-Base Breakdown Voltage
IE= 1.0mA; IC= 0
-7
V
VCE(sat)
Collector-Emitter
Saturation
Voltage
IC= -50mA ;IB= -5mA
1.0
V
ICBO
Collector Cutoff Current
VCB= -400V; IE= 0
0.1
mA
IEBO
Emitter Cutoff Current
VEB= - 7V; IC= 0
0.1
mA
hFE
DC Current Gain
IC= - 50m A ; VCE= - 5V
100
240
Package Dimensions
NOTICE:
ISCreservestherightstomakechangesofthecontenthereinthedatasheetatanytime
withoutnotification.Theinformationcontainedhereinispresentedonlyasaguideforthe
applicationsofourproducts.
ISCproductsareintendedforusageingeneralelectronicequipment.Theproductsarenot
designedforuseinequipmentwhichrequirespecializedqualityand/orreliability,orin
equipmentwhichcouldhaveapplicationsinhazardousenvironments,aerospaceindustry,or
medicalfield.Pleasecontactusifyouintendourproductstobeusedinthesespecial
applications.
ISCmakesnowarrantyorguaranteeregardingthesuitabilityofitsproductsforany
particularpurpose,nordoesISCassumeanyliabilityarisingfromtheapplicationoruseof
anyproducts,andspecificallydisclaimsanyandallliability,includingwithoutlimitation
special,consequentialorincidentaldamages.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com