Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12103C104J4Z2A Datasheet(PDF) 2 Page - Kyocera Kinseki Corpotation

Part # 12103C104J4Z2A
Description  MLCC with FLEXITERM®
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

12103C104J4Z2A Datasheet(HTML) 2 Page - Kyocera Kinseki Corpotation

  12103C104J4Z2A Datasheet HTML 1Page - Kyocera Kinseki Corpotation 12103C104J4Z2A Datasheet HTML 2Page - Kyocera Kinseki Corpotation 12103C104J4Z2A Datasheet HTML 3Page - Kyocera Kinseki Corpotation 12103C104J4Z2A Datasheet HTML 4Page - Kyocera Kinseki Corpotation 12103C104J4Z2A Datasheet HTML 5Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
64
MLCC with FLEXITERM®
Specifications and Test Methods
PERFORMANCE TESTING
AEC-Q200 Qualification:
• Created by the Automotive Electronics
Council
• Specification defining stress
test qualification for passive
components
Testing:
Key tests used to compare
soft termination to AEC-Q200
qualification:
• Bend Test
• Temperature Cycle Test
BOARD BEND TEST PROCEDURE
According to AEC-Q200
BOARD BEND TEST RESULTS
AEC-Q200 Vrs AVX FLEXITERM® Bend Test
Test Procedure as per AEC-Q200:
Sample size:
20 components
Span: 90mm
Minimum deflection spec: 2 mm
• Components soldered onto FR4 PCB (Figure 1)
• Board connected electrically to the test equipment
(Figure 2)
BEND TESTPLATE
CONTROL PANEL
CONNECTOR
Fig 1 - PCB layout with electrical connections
DIGITAL
CALIPER
MOUNTING
ASSEMBLY
LOADING
KNIFE
CONTROL
PANEL
Fig 2 - Board Bend test
equipment
12
0603
10
8
6
4
2
0
NPO
X7R
X7R soft term
12
1206
10
8
6
4
2
0
NPO
X7R
X7R soft term
12
0805
10
8
6
4
2
0
NPO
X7R
X7R soft term
12
1210
10
8
6
4
2
0
NPO
X7R
X7R soft term
Max. = 10mm
90mm
Max. = 10mm
Test Temperature Profile (1 cycle)
TABLE SUMMARY
Typical bend test results are shown below:
Style
Conventional Termination
FLEXITERM®
0603
>2mm
>5mm
0805
>2mm
>5mm
1206
>2mm
>5mm
TEMPERATURE CYCLE TEST PROCEDURE
Test Procedure as per AEC-Q200:
The test is conducted to determine the resistance of the component when it
is exposed to extremes of alternating high and low temperatures.
• Sample lot size quantity 77 pieces
• TC chamber cycle from -55ºC to +125ºC for 1000 cycles
• Interim electrical measurements at 250, 500, 1000 cycles
• Measure parameter capacitance dissipation factor, insulation
resistance
AVX ENHANCED SOFT TERMINATION
BEND TEST PROCEDURE
Bend Test
The capacitor is soldered to the printed circuit board as
shown and is bent up to 10mm at 1mm per second:
• The board is placed on 2 supports 90mm apart
(capacitor side down)
• The row of capacitors is aligned with the load
stressing knife
• The load is applied and the deflection where the
part starts to crack is recorded (Note: Equipment
detects the start of the crack using a highly
sensitive current detection circuit)
• The maximum deflection capability is 10mm
020117
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or
available online at www.avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.
– surface mount ceramic capacitor products –



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com