Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAC27A02S/T Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PAC27A02S/T
Description  P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK FOR LINEAR TECHNOLOGY LTC1266/LT1431
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PAC27A02S/T Datasheet(HTML) 1 Page - California Micro Devices Corp

  PAC27A02S/T Datasheet HTML 1Page - California Micro Devices Corp PAC27A02S/T Datasheet HTML 2Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 California Micro Devices Corp. All rights reserved.
4/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
PAC27A02
PRELIMINAR
Y
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
FOR LINEAR TECHNOLOGY LTC1266/LT1431
Features
• Provides a complete Pentium regulator solution when
combined with a Linear Technology LTC1266/LT1431
Power Supply Regulator Circuit
• Miniature SOT and SOIC packages
• Thin film tightly ratio matched resistors using
P/Active technology
SCHEMATIC CONFIGURATION
Product Description
CAMD’s P/Active 27A02 Precision Voltage Divider Network is designed to work with the Linear Technology LTC1266
Synchronous Regulator Controller and LT1431 Programmable Reference commonly used in Pentium P54/P55C power
regulator designs. CAMD’s P/Active technology provides precision ratio tracking over temperature/time required for proper
voltage regulation by the Pentium processor.
PRELIMINARY
Refer to AP-202 Voltage Divider Application Note for
further information.
Applications
• Linear Technology Pentium 54/55C Power
Supply Regulator
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
)
R
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
5
±
C
°
0
(
g
n
i
k
c
a
r
T
o
it
a
R
≤ TA ≤
)
C
°
0
7
s
tl
o
v
0
1
<
r
o
t
si
s
e
r
r
e
p
e
g
a
tl
o
V
(
)
W
m
5
2
<
r
o
t
si
s
e
r
r
e
w
o
p
d
n
a
2
R
/
1
R
3
R
/)
2
R
+
1
R
(
%
0
.
1
±
%
5
2
.
0
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OC
°
0
7
o
t
C
°
0
r
o
t
si
s
e
R
/
g
n
it
a
R
r
e
w
o
PC
°
0
7
@
W
m
5
2
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
SC
°
0
5
1
o
t
C
°
5
6
-
g
n
it
a
R
r
e
w
o
P
e
g
a
k
c
a
PC
°
0
7
@
W
5
2
2
.
0
D
R
A
D
N
A
T
S
S
E
U
L
A
V
)
R
(
r
o
t
s
i
s
e
Re
u
l
a
V
1
R0
5
1
1
2
R0
5
3
1
3
R0
0
0
1
N
O
I
T
A
M
R
O
F
N
I
G
N
I
R
E
D
R
O
T
R
A
P
D
R
A
D
N
A
T
S
w
o
r
r
a
N
-
e
g
a
k
c
a
Pr
e
b
m
u
N
t
r
a
P
g
n
i
r
e
d
r
O
s
n
i
Pe
l
y
t
Ss
e
b
u
T
s
g
a
B
l
e
e
R
&
e
p
a
Tg
n
i
k
r
a
M
t
r
a
P
43
4
1
-
T
O
S-
B
/
T
2
0
A
7
2
C
A
PR
/
T
2
0
A
7
2
C
A
PT
2
0
A
8C
I
O
ST
/
S
2
0
A
7
2
C
A
P-
R
/
S
2
0
A
7
2
C
A
PS
2
0
A
7
2
C
A
P
C0860400


Similar Part No. - PAC27A02S/T

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC27A01 CALMIRCO-PAC27A01 Datasheet
103Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
PAC27A01TB CALMIRCO-PAC27A01TB Datasheet
103Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
PAC27A01TR CALMIRCO-PAC27A01TR Datasheet
103Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
PAC27A03 CALMIRCO-PAC27A03 Datasheet
124Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK FOR LINEAR TECHNOLOGY LT1430/1017
PAC27A03QR CALMIRCO-PAC27A03QR Datasheet
124Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK FOR LINEAR TECHNOLOGY LT1430/1017
More results

Similar Description - PAC27A02S/T

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC27A01 CALMIRCO-PAC27A01 Datasheet
103Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
PAC27A03 CALMIRCO-PAC27A03 Datasheet
124Kb / 2P
P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK FOR LINEAR TECHNOLOGY LT1430/1017
PACAC CALMIRCO-PACAC Datasheet
125Kb / 2P
P/ACTIVE AC TERMINATION NETWORK
PACRPI CALMIRCO-PACRPI Datasheet
124Kb / 3P
P/Active 1% Tolerance Precision Isolated series Termination Network
PRN105 CALMIRCO-PRN105 Datasheet
52Kb / 2P
SOT23 Thin Film Precision Voltage Divider Network
logo
KOA Speer Electronics, ...
RTXS03T KOA-RTXS03T Datasheet
90Kb / 1P
precision voltage divider networks
logo
IRC - a TT electronics ...
WBD-DSOT23-00-1002-1002 IRCTT-WBD-DSOT23-00-1002-1002 Datasheet
338Kb / 3P
Wire Bondable Voltage Divider Network
logo
TT Electronics.
DSOT TTELEC-DSOT Datasheet
797Kb / 3P
Wire Bondable Voltage Divider Network
logo
Token Electronics Indus...
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
High Precision Network Voltage Divider
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
High Precision Network Voltage Divider
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com