Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R001E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R001E
Description  Intel® Celeron Quad Core J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R001E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R001E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
ARK-10 A4
Intel® Celeron Quad Core J1900 Quad
Core SoC with Dual GbE and Dual COM
Fanless Box PC
ƒ
Intel® Celeron J1900 Quad Core 2.0 GHz SoC
ƒ
2G DDR3L Memory & 500G 2.5" 24x7 SATA HDD Built In
ƒ
2 x GbE for Multiple Internet Transmission
ƒ
2 x RS-232/422/485 (BIOS selection)
ƒ
1 x Full-Size MiniPCIe (ex. WLAN or WWAN module) #1
ƒ
Optional VESA / DIN Rail / Wall Mounting kits
ƒ
Threaded DC jack design
ƒ
Supports WISE-PaaS DeviceOn and Embedded Software APIs
Specifications
ARK-10-U0A4
Processor System
CPU
Intel® Celeron Processor J1900 Quad Core SoC
Frequency
2.0 GHz (Up to 2.41 GHz w/ burst frequency enabled)
L2 Cache
2 MB
BIOS
AMI EFI 64 Mbit (Default BIOS is supported for 64-bit OS installation, BIOS for 32-bit OS is supported by project)
Memory
Technology
DDR3L 1333 MHz
Socket
1 x 204-pin SO-DIMM, 2 GB Memory Built In
Graphics
Chipset
Intel® Atom SoC integrated
Graphic Engine
DirectX* 11.1, OGL 3.0, OCL 1.1, OGL ES 2.0
Encode: H264, MPEG2/4, VC1, WMV9
Decode: H264, MPEG2
VGA
1 x VGA, support up to 1920 x 1200 at 60Hz
Audio
Main System
ALC-888S, High Definition Audio. Line-out & Line-in
Ethernet
LAN #1
10/100/1000 Mbps Intel I210 GbE, support Wake on LAN
LAN #2
10/100/1000 Mbps Intel I210 GbE, support Wake on LAN
I/O Interface
Serial Ports
2 x RS-232/422/485 (BIOS selectable)
USB Interface
2 x USB 2.0 & 1 x USB3.0
Other
Watchdog timer
255-level timer interval, setup by software
Expansion
Mini PCIe
1 x Full-size Mini PCIe, support WLAN or WWAN module #1
Storage
2.5" Drive Bay
1 x 500GB 2.5" 24x7 SATA HDD Built In
mSATA
1x half-size mSATA (Suggest to assembly by CTOS or T-Part due to complex installation)
Software Support
Microsoft Windows
Windows 10
Linux
Support (by Project)
Power Requirement
Power Input Voltage
Single 12 VDC
Power Adapter
AC to DC, DC12 V/3 A, 36 W with threaded design
Mechanical
Construction
Aluminum housing
Mounting
VESA/DIN Rail/Wall Mounting Kits (Optional)
Dimensions (W x H x D)
133.8 x 43.1 x 94.2 mm (5.27" x 1.7" x 3.71")
Environment
Operating Temperature
0 ~ 50° C with 0.7m/s air flow
Storage Temperature
-40 ~ 85 °C (-40~185 °F)
Relative Humidity
95% @ 40 °C (non-condensing)
Vibration During Operation
0.5Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis
Shock During Operation
10G, IEC 60068-2-27, half sine, 11 ms duration
Regulation
EMC
CE/FCC Class A, CCC, BSMI, UKCA
Safety
UL, CCC, BSMI, CB, UKCA
#1 Mini PCIe is hardware interface for wireless communication integration only. System level RF certification is not available.
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 8-Sep-2022


Similar Part No. - AMK-R001E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual GbE and Dual COM Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual HDMI/GbE IoT Fanless BOX PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual COM and GPIO Palm-Size Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
865Kb / 2P
Independent Dual Displays Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
722Kb / 2P
4 COM Port Extendibility Fanless Box PC
More results

Similar Description - AMK-R001E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1123H ADVANTECH-ARK-1123H Datasheet
1Mb / 2P
Intel짰 Celeron Quad Core J1900 SoC with Dual HDMI and Dual GbE Fanless Box PC
ARK-10 ADVANTECH-ARK-10_15 Datasheet
1Mb / 2P
Intel짰 Atom J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
ARK-1123H ADVANTECH-ARK-1123H_15 Datasheet
1Mb / 2P
Intel짰 Celeron Quad Core J1900 SoC with Dual HDMI and Dual GbE Fanless Box PC
ARK-6322 ADVANTECH-ARK-6322_15 Datasheet
895Kb / 2P
Intel Celeron Quad Core J1900 SoC with 6 COM and 8 USB Fanless Box PC
ARK-1123HVS ADVANTECH-ARK-1123HVS_15 Datasheet
1Mb / 3P
Intel짰 Celeron Quad Core J1900 SoC with Dual HDMI and Dual GbE Fanless Box PC
AIMB-216 ADVANTECH-AIMB-216 Datasheet
732Kb / 2P
Intel Pentium Celeron, Quad Core Dual core
ARK-2121F ADVANTECH-ARK-2121F Datasheet
1Mb / 2P
Intel Celeron Quad Core J1900 SoC with Multiple I/Os Fanless Box PC
ARK-2230L ADVANTECH-ARK-2230L Datasheet
1Mb / 4P
Intel Celeron Quad Core J1900 SoC Modular Fanless Box PC
ARK-6322 ADVANTECH-ARK-6322 Datasheet
917Kb / 2P
Intel Celeron Quad Core J1900 SoC with 6 COM and 8 USB Fanless Box PC
2-Dec-2021
logo
AAEON Technology
BOXER-6614 AAEON-BOXER-6614 Datasheet
520Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® N2930 Quad Core 1.83 GHz/ Celeron® N2807 Dual Core 1.58 GHz
2022/09/14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com