Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R001E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # AMK-R001E
Description  Intel® Celeron™ N3350 DC SoC With Four Serial Ports Modular Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R001E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  AMK-R001E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fanless Embedded Box PCs
ARK Plus Extended Modules
ARK-1124 Dual Layer Expansion Option Items
Expansion Kit Selection
AMO-1101 and iDoor
AMO-1101 and AMO-P011
Ordering Information
Optional ARK Plus Mechanical Kit
P/N
Description
AMO-1101
Mechanical kit for 2nd layer expansion
Optional iDoor Expansion
Part Number
Description
MOS-2230-Z1201E
CANBus module, 2-Ch, USB Interface
MOS-2220-X1101E
Parallel LPT module, 1-Ch, USB Interface
MOS-2110Z-1201E
USB module, 2-Ch, PCIe Interface
MOS-2120-Z1101E
Giga LAN Ethernet module, 1-Ch, PCIe Interface
MOS-1130Y-0201E
Isolated CANBus, 2-Ch, DB9, PCIe Interface
MOS-1110Y-0101E
Isolated 16 DI/8 DO, 1-Ch, DB37, PCIe Interface
MOS-2220-Z1101E
High Speed COM module, 1-Ch, USB Interface
MOS-1120Y-0202E
Isolated RS-232, 2-Ch, DB9, PCIe I/F
MOS-1121Y-0202E
Isolated RS-422/485, 2-Ch, DB9, PCIe I/F
MOS-1120Y-1402E
Non-Isolated RS-232, 4-Ch, DB37, PCIe I/F
MOS-1121Y-1402E
Non-Isolated RS-422/485, 4-Ch, DB37, PCIe I/F
MOS-2120-Z1201
Dual Intel I210 GbE LAN, 2-Ch, PCIe I/F
Optional 12-24V DC Power module
Part Number
Description
AMO-P011
12-24V DC input power module
Operating temp. -20~60 °C
96PSA-A60W12P2-3
AC to DC ADP, 12V/5A 60W (for AMO-P011)
1702002600
Power cord 3-pin 183cm, USA type (for AMO-P011)
1702002605
Power cord 3-pin 183cm, EU type (for AMO-P011)
1702031801
Power cord 3-pin 183cm, UK type (for AMO-P011)
1700000237
Power cord 3-pin 183cm, PSE type (for AMO-P011)
* For iDoor module expansion, please order AMO-1101 and iDoor P/N
* For Wide range power module expansion, please order AMO-1101 and AMO-P011
* For iDoor and wide range power module expansion, please order AMO-1101,
iDoor P/N and AMO-P011
* Dual layer mounting kit is same as single layer



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com