Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R001E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R001E
Description  Intel® Atom™ E3940 QC SoC With Dual HDMI/ Dual LAN/ Four USB Modular Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R001E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R001E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
ARK-1124H A3
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
Ordering Information
Part No.
CPU
RAM
HDMI
GbE
USB
3.0
RS-232/
422/485
Audio
Full-size
MiniPCIe
SIM M.2
2.5" SATA III
HDD Bay
Power
Input
Operating
Temp.
ARK-1124H-S6A3
Intel Atom E3940
1.6 GHz SoC
Up to
8GB
2
2
4
1
Lin-out,
Line-in
1
1
1
1
12 VDC
-20 ~ 60 °C
Note: Memory, storage and operating system bundled by request.
Packing List
Part Number
Description
-
1 x ARK-1124H Unit
-
1 x User Manual (Simplified Chinese)
96PSA-A60W12W7-3
A/D 100-240V 60W 12V C14 LOCKABLE DC PLUG
-
LAN clip
-
Wrench for top cover
Optional Embedded OS
Part Number
Description
20706WX9ES0057
Win10 IoT LTSC 2019 64bit ENG for ARK-1124H
Optional Item for Default SKU
Part Number
Description
1702002600
Power cable 3-pin 183cm, USA type
1702002605
Power cable 3-pin 183cm, EU type
1702031801
Power cable 3-pin 183cm, UK type
1700000237
Power cable 3-pin 183cm, PSE type
AMK-W001E
ARK-112X series Wall mounting kit
AMK-V003E
ARK-112X series VESA mounting kit
AMK-R001E
ARK-112X series DIN-rail mounting kit
1700023855-01 1M lockable HDMI cable
1700023856-01 3M lockable HDMI cable
AMO-WIFI10
802.11 a/b/g/n/ac, QCA6174A, 2T2R, w/BT4.1, M.2 2230 E Key
RED system level RF certification is ready with ARK-1124H single layer
On/Off
Line in
Line out
LAN
COM
USB 3.0
HDD LED
133.00
133.00
LAN
HDMI
DC Input
HDMI
USB3.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com