Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R001E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AMK-R001E
Description  Intel® Celeron™ N3350 DC SoC With Dual LAN/ Four USB 3.0/M.2/TPM IoT Gateway Modular Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R001E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AMK-R001E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R001E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fanless Embedded Box PCs
Features
ARK-1124U A3
ƒ
Intel® Celeron™ N3350 Dual Core SoC
ƒ
VGA Display/2x RS-232/422/485/4x USB 3.0
ƒ
1 x Full-size miniPCIe with SIM holder for communication module #1
ƒ
1 x M.2 E-key for WIFI module #2
ƒ
-20 ~ 60 °C extended operating temperature
ƒ
TPM 2.0 default built-in
ƒ
12V lockable DC jack power input
ƒ
Optional 12~24V power module (Dual Layer)
ƒ
Advantech iDoor module compatible (Dual Layer)
ƒ
Advantech WISE-DeviceOn support
Intel® Celeron™ N3350 DC SoC With
Dual LAN/ Four USB 3.0/M.2/TPM
IoT Gateway Modular Fanless Box PC
Specifications
ARK-1124U-S1A3
Processor System
CPU
Intel® Celeron® N3350 Dual Core SoC
Frequency
1.1GHz, turbo burst 2.4 GHz
L2 Cache
2 MB
BIOS
AMI EFI 64 bit
Memory
Technology
DDR3L 1866 MHz
Max. Capacity
8 GB
Socket
1 x 204-pin SO-DIMM
Graphics
Chipset
Intel® HD Graphics 500
Graphic Engine
4K Codec Decode& Encode for H.264, MPEG2, MVC, VC-1, WMV9, H.265 / HEVC, VP8, JPEG / MJPEG
VGA
Up to 2048 x 1280 @ 60Hz
Ethernet
LAN1
10/100/1000 Mbps Intel i210 GbE, support Wake On Lan
LAN2
10/100/1000 Mbps Intel i210 GbE, support Wake On Lan
Audio
Interface
Realtek ALC888S, High Definition Audio. Line-out,,Line-in
IO Interface
Serial Ports
2 x RS-232/422/485 port with auto flow control
USB Interface
4 x USB 3.0
Other
Watchdog timer
255 levels timer interval, setup by software
TPM
Infineon SLB9665XQ 2.0
Expansion
Mini PCIe
1 x full-size mPCIe for WLAN/WWAN with SIM holder #1
M.2
1 x M.2 E-key for WIFI (by CTOS or T-PN) #2
iDoor
1, optional (2nd layer)
Storage
HDD/SSD
Supports 1 x SATA III Drive Bay (Compatible with 9.5mm height)
Software Support
Microsoft Windows
Win 10 IoT Enterprise LTSB
Linux
Support by project
Power Requirement
Power Type
AT/ATX
Power Input Voltage
12VDC (Optional 12~24V power module)
Minimum Power Input
12 V, 5 A
Power Adapter
AC to DC, DC12 V/5 A, 60 W with lockable DC Jack
Power Consumption
Typical
5W
Max.
15.73W
Mechanical
Construction
Aluminum housing
Mounting
DIN-Rail/Wall/VESA Mounting Kits (Optional)
Dimensions (W x H x D)
133 x 46.4 x 94.2mm (5.24" x 1.83" x 3.71")
Weight
0.7 Kg (1.55lb)
Environment
Operating Temperature
With extended temperature peripherals: -20 ~ 60 °C (-4 ~ 140 °F) with 0.7m/s air flow
With 2.5-inch hard disk 0 ~ 40 °C (32 ~ 104 °F) with 0.7m/s air flow
Storage Temperature
- 40 ~ 85 °C ( -40 ~ 185 °F)
Relative Humidity
95% @ 40 °C (non-condensing)
Vibration During Operation
With SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis
With HDD: 0.5Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis
Shock During Operation
With SSD: 30 G, IEC 60068-2-27, half sine, 11 ms duration
With HDD: 10G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class B, CCC, BSMI
Safety Certifications
UL, CB, CCC, BSMI
#1 SIM holder is for hardware interface for wireless module integration only. No system level RF certification is available.
#2 FCC and RED for WiFi/BT are available with AMO-WIFI10. Other system level RF certification is not available.
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 6-Jan-2021


Similar Part No. - AMK-R001E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual GbE and Dual COM Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual HDMI/GbE IoT Fanless BOX PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
1Mb / 2P
Dual COM and GPIO Palm-Size Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
865Kb / 2P
Independent Dual Displays Fanless Box PC
AMK-R001E ADVANTECH-AMK-R001E Datasheet
722Kb / 2P
4 COM Port Extendibility Fanless Box PC
More results

Similar Description - AMK-R001E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-2230L ADVANTECH-ARK-2230L Datasheet
1Mb / 4P
Intel Celeron Quad Core J1900 SoC Modular Fanless Box PC
ARK-1124U ADVANTECH-ARK-1124U Datasheet
1Mb / 3P
Intel Celeron N3350 DC SoC With Dual LAN/ Four USB 3.0/M.2/TPM IoT Gateway Modular Fanless Box PC
ARK-1124UA2 ADVANTECH-ARK-1124UA2 Datasheet
1Mb / 3P
Intel짰 Celeron??N3350 DC SoC With Dual LAN/ Four USB 3.0/M.2/TPM IoT Gateway Modular Fanless Box PC
10-Jun-2020
ARK-11 ADVANTECH-ARK-11 Datasheet
1Mb / 2P
Intel Celeron N3350 DC SoC with 4K Dual HDMI/Dual LAN/M.2 DIN-Rail Fanless Box PC
22-Jan-2021
ARK-1124C ADVANTECH-ARK-1124C Datasheet
1Mb / 3P
Intel® Celeron™ N3350 DC SoC With Four Serial Ports Modular Fanless Box PC
6-Jan-2021
ARK-1124H ADVANTECH-ARK-1124H Datasheet
1Mb / 3P
Intel® Atom™ E3940 QC SoC With Dual HDMI/ Dual LAN/ Four USB Modular Fanless Box PC
11-Jan-2021
ARK-1220L-A2 ADVANTECH-ARK-1220L-A2 Datasheet
770Kb / 2P
Intel® Atom™ E3940 QC SoC with 4K Dual HDMI/Dual LAN/M.2 DIN-Rail Fanless Box PC
7-Jun-2022
ARK-1220L ADVANTECH-ARK-1220L Datasheet
770Kb / 2P
Intel® Atom™ E3940 QC SoC with 4K Dual HDMI/Dual LAN/M.2 DIN-Rail Fanless Box PC
7-Jun-2022
ARK-2232L ADVANTECH-ARK-2232L Datasheet
1Mb / 4P
Intel® Atom® E3940 SoC Modular Fanless Box PC
15-Dec-2020
logo
AAEON Technology
BOXER-6616 AAEON-BOXER-6616 Datasheet
579Kb / 2P
Fanless Embedded Box PC with Intel® Celeron® Processor N3350/N4200
2023/05/24
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com