Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36WSWPDOBD0211 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # 36WSWPDOBD0211
Description  Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

36WSWPDOBD0211 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  36WSWPDOBD0211 Datasheet HTML 1Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 2Page - Advantech Co., Ltd. 36WSWPDOBD0211 Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fanless Embedded Box PCs
Features
RoHS
COMPLIANT
2002/95/EC
ARK-3532C Intel®10thGenXeon®W/Core™i
LGA1200 Expansion Fanless Box PC
ƒ
Support Intel® 10th Gen. Xeon® W and Core™ i3/i5/i7/i9 processor
ƒ
Triple independent display: VGA + HDMI + Optional Display
ƒ
DDR4 SO-DIMM ECC/non-ECC memory support up to 64 GB
ƒ
12-36VDC wide range power input
ƒ
Up to 4sets 2.5" hard drive bays, support Intel® SW RAID
ƒ
Support 4GbE, 8USB, 6COM, 16bit DIO, TPM2.0
ƒ
SUSI API, WISE-DeviceOn, McAfee and Acronis bundled
ƒ
2 x Independent USB 3.0 with lockable design
Specifications
Processor System
CPU
W-1290TE
i9-10900E
i7-10700E
i5-10500E
i3-10100E
G5900E
Frequency
1.8-4.5GHz
2.8-4.7GHz
2.9-4.5GHz
3.1-4.2GHz
3.2~3.8GHz
3.2GHz
L3 Cache
20MB
20MB
16MB
12MB
6MB
2MB
Cores
10
10
8
6
4
2
TDP
35W
65W
65W
65W
65W
65W
ECC memory support (support by CPU)
YES
NO
NO
NO
YES
NO
Chipset
W480E
BIOS
AMI EFI 256Mbit
Memory
Technology
DDR4 2933 MHz
Max. Capacity
64 GB
Socket
2 x 260-pin SO-DIMM
Graphics
Chipset
Intel® UHD Graphics 630
Graphic Engine
DirectX 12, OpenGL 4.5
HW Encode: H.265/HEVC, H.264/MPEG-4 AVC, MPEG-2, JPEG/MJPEG and VP8.
HW Decode: H.265/HEVC, H.264/MPEG-4 AVC, MPEG-2, VC-1/WMV9, JPEG/MJPEG, VP8 and VP9
VGA
1920x1200@ 60Hz
HDMI
1 HDMI port, HDMI 1.4 for HD video playback, 4096x2160@30Hz
Optional 3rd Display module
DVI-D / DP / HDMI Display Port
Triple Display
VGA+HDMI + 3rd display module
Ethernet
LAN1
10/100/1000 Mbps Intel I219-LM GbE, support Wake On Lan
LAN2, 3, 4
10/100/1000 Mbps Intel I210 GbE, support Wake On Lan
Audio
Interface
Realtek ALC888S, High Definition Audio, Line-out/Mic-in (switch)
Others
Watch dog Timer
255-level timer interval, setup by software
TPM
TPM 2.0 (by optional AMO-I029)
I/O Interface
Serial Port
4 x RS-232/422/485 port with auto flow control, 2 x RS-232; COM3 support 5V/12V power supply (by jumper)
USB
4 x USB 3.2 (10Gps), 2 x USB 3.0, 2 x Independent USB 3.0
GPIO
16bit GPIO
Expansions
Mini PCIe
1 x Full-size Mini PCIe (1 x support mSATA, 1 x support SIM holder) #1
M.2
1 x E key for WiFi #1
Add-on Card Slot
1 Slot PCIex4 + 2 Slot PCI
Suggest maximum power consumption 10W for each slot
Maximum card size
110mm (H) x 180mm (L)
Storage
HDD
2 x 2.5" SATAIII 15mm height HDD bay support Intel SW RAID (Up to 4 x 2.5" SATAIII HDD bays by optional AMK-A0035)
mSATA
1 x mSATA socket (Share with Mini PCIe)
Software Support
Microsoft Windows
Windows 10
Linux
By Project Support
Power Requirements
Power Type
AT/ATX
Power Input Voltage
12-36V
Power Adapter
AC to DC, 230W (Optional)
Power Consumption
(CPU/Memory Only)
Typical
30W
Max.
64.8W
Mechanical
Construction
Aluminum housing
Mounting
Desk mounting
Dimensions (W x H x D)
156 x 204 x 230 mm
Weight
5.705Kg
Environment
Operating Temperature
Up to 65W processor with extended temp peripherals: -20 ~ 60° C with 0.7m/s air flow
with HDD: 0 ~ 40° C with 0.7m/s air flow
Storage Temperature
-40 ~ 85° C
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With SSD: 3 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 hr/axis.
Shock During Operation
With SSD: 30 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class B, CCC, BSMI
Safety
CB, UL, CCC, BSMI
#1 SIM holder and M.2 slot are hardware interfaces for wireless communication integration only. System level RF certification is not available.
NEW
All product specifications are subject to change without notice.
Last updated: 15-Nov-2021


Similar Part No. - 36WSWPDOBD0211

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
36WSWPDOBD0211 ADVANTECH-36WSWPDOBD0211 Datasheet
1Mb / 3P
Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
More results

Similar Description - 36WSWPDOBD0211

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-277 ADVANTECH-AIMB-277 Datasheet
5Mb / 6P
Intel® 10th Gen Core™ processor,LGA1200 Mini-ITX motherboard
20-Apr-2022
ARK-3520L ADVANTECH-ARK-3520L Datasheet
1Mb / 3P
6th Gen. Intel® Core™ i3/ i5/ i7 Modular Expansion Fanless Box PC
14-Dec-2020
ARK-3530L ADVANTECH-ARK-3530L Datasheet
928Kb / 3P
Intel®Xeon® E3 / Core™ i3/i5/i7 LGA1151 Modular Expansion Fanless Box PC
14-Dec-2020
ARK-3532B ADVANTECH-ARK-3532B Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
ARK-3532D ADVANTECH-ARK-3532D Datasheet
1Mb / 3P
Intel® 10th Gen Xeon® W / Core™ i LGA1200 Expansion Fanless Box PC
15-Nov-2021
ARK-3534B ADVANTECH-ARK-3534B Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534C ADVANTECH-ARK-3534C Datasheet
1Mb / 3P
Intel® 12th Gen Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
ARK-3534D ADVANTECH-ARK-3534D Datasheet
1Mb / 3P
Intel® 12th Gen Xeon® W Core™ i3/i5/i7/i9 LGA1700 Expansion Fanless Box PC
22-Jun-2022
MIC-770-V2 ADVANTECH-MIC-770-V2 Datasheet
1Mb / 3P
Compact Fanless System with 10th Gen Intel® Xeon®/Core™ i CPU Socket (LGA 1200)
19-Jul-2022
TPC-B610 ADVANTECH-TPC-B610 Datasheet
611Kb / 3P
Modular TPC - Computing Box Module with Intel® 10th Gen. Core™ i CPU Socket (LGA1200)
17-Jan-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com