Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMK-R105E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AMK-R105E
Description  EN50155 Intel® Atom E3845 SoC Rolling Stock Fanless System
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AMK-R105E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AMK-R105E Datasheet HTML 1Page - Advantech Co., Ltd. AMK-R105E Datasheet HTML 2Page - Advantech Co., Ltd. AMK-R105E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
ARK-2231R
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
Ordering Information
Part No.
CPU
RAM
Display
GbE USB
2.0
USB 2.0/
3.0
DIO
RS-232/
422/485
Audio
Full-size
MiniPCIe
SIM mSATA 2.5" SATA II
Drive Bay
Power
Input
Operating
Temp.
ARK-2231R-S9A2E
Intel® Atom E3845 DC
1.91GHz
Up to
8G
1 x HDMI
1 x VGA
2
2
1
8 bit
2
Lin-out,
Line-in,
MIC
3
1
1
1
24 VDC
-40 ~ 70 °C
ARK-2231R-S9A2EPOE*
Intel® Atom E3845 DC
1.91GHz
Up to
8G
1 x HDMI
1 x VGA
2
2
1
8 bit
2
Lin-out,
Line-in,
MIC
3
1
1
1
24 VDC
-40 ~ 70 °C
* : This P/N is for AMK-R100E / AMK-R101E / AMK-R104E / AMK-R105E application
Note: Memory, storage and operating system bundled by request.
Packing List
Part Number
Description
ARK-2231R-S9A1E
1 x ARK-2231R Unit
-
1 x User Manual (Simplified Chinese)
-
1 x China RoHS
1960071555N011
2 x Wall mounting brackets for ARK-2231R
1652001524
1 x Terminal Block 6P 5.00mm
Optional Embedded OS
Part Number
Description
2070015162
ARK-2231R WES7E OS image
20706WX9ES0048
ARK-2231R W10 19EL image
Note: Default BIOS is for 64bit OS support only. 32bit OS will need to update BIOS
ARK-2231R
ARK-2231R+AMK-R100E
SSD/HDD
ON/OFF
COM
Optional I/O
HDMI USB 2.0
Audio
DIO
COM
Remote Control
DC INPUT
LAN
USB2.0/3.0 USB 2.0
SIM
VGA
SSD/HDD
ON/OFF
COM
Optional I/O
HDMI USB 2.0
Audio
DIO
COM
Remote Control
DC INPUT
LAN
USB2.0/3.0 USB 2.0
SIM
VGA
Optional Item for Default SKU
Part Number
Description
XARK-FSP180-AAAN3
AC-to-DC Adapter, DC24V/150W
1702002600
Power cable 3-pin 183cm, USA type
1702002605
Power cable 3-pin 183cm, EU type
1702031801
Power cable 3-pin 183cm, UK type
AMK-C002E
M12 A-coded to USB type A female cable, 10cm
AMK-C005E
M12 X-coded to RJ-45 female cable, 10cm
260.0
83.6
260.0
288.0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com