Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACRAMBUS-1 Datasheet(PDF) 1 Page - California Micro Devices Corp

Part # PACRAMBUS-1
Description  HIGH PERFORMANCE RAMBUS TERMINATION NETWORK FOR RIMM CONNECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACRAMBUS-1 Datasheet(HTML) 1 Page - California Micro Devices Corp

  PACRAMBUS-1 Datasheet HTML 1Page - California Micro Devices Corp PACRAMBUS-1 Datasheet HTML 2Page - California Micro Devices Corp PACRAMBUS-1 Datasheet HTML 3Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OBJECTIVE
© 2000 California Micro Devices Corp. All rights reserved.
4/00
215 Topaz Street, Milpitas, California 95035
Tel: (408) 263-3214
Fax: (408) 263-7846
www.calmicro.com
1
CALIFORNIA MICRO DEVICES
PACRAMBUS-1
HIGH PERFORMANCE RAMBUS™ TERMINATION NETWORK
FOR RIMM™ CONNECTOR
Features
• 2 chip solution for all Rambus™ load
terminations, in 20-pin QSOP narrow package
• 14 Terminations in a single package
• 1% absolute tolerance 28 ohms
terminations across temperature range
• Center ground pin placement reduces
ground bounce and eases board layout
• Very low cross-talk
• Saves board space and reduces assembly cost
Product Description
The Direct Rambus™ memory interface transfers data at both edges of a 400MHz clock resulting in an 800MHz transfer rate.
The Rambus™ channel uses a memory controller on one end of the bus, terminations at the other end, and the RIMM™
modules in between. The Rambus™ channel contains control signals and data bus lines that must be terminated in order to
prevent any reflections. California Micro Devices’ PAC™ RAMBUS-1 integrates fourteen 28-ohm resistors specified at 1%
absolute tolerance across the commercial temperature range.
This termination network provides high performance, high reliability, and low cost through manufacturing efficiency. The
termination resistor elements are fabricated using state-of-the-art thin film manufacturing. This integrated solution is silicon-
based and has the same reliability characteristics as any of today’s microprocessor products. The thin film resistors have very
high stability over temperature, over applied voltage, and over life. In addition, the QSOP industry standard packaging is easy
to handle in manufacturing and yields a high reliability similar to other semiconductor components.
Applications
• Rambus™ Memory System
C0470199
SCHEMATIC
(
R
Ω
Ω
Ω
Ω
Ω)
e
d
o
C
8
20
8
2
S
N
O
I
T
A
C
I
F
I
C
E
P
S
D
R
A
D
N
A
T
S
)
R
(
r
o
t
si
s
e
Rs
m
h
O
8
2
)
C
°
0
7
o
t
°
0
(
)
R
(
e
c
n
a
r
e
l
o
T
e
t
u
l
o
s
b
A%
1
±
R
C
Tm
p
p
0
5
1
±
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
OC
°
0
7
o
t
C
°
0
r
o
t
si
s
e
R
/
g
n
it
a
R
r
e
w
o
PW
m
0
4
)
C
°
0
7
(
g
n
it
a
R
r
e
w
o
P
e
g
a
k
c
a
P
x
a
MW
0
0
.
1
k
l
a
T
s
s
o
r
CD
B
T


Similar Part No. - PACRAMBUS-1

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACR4G CALMIRCO-PACR4G Datasheet
87Kb / 3P
HIGH PERFORMANCE BUS TERMINATION NETWORK
PACR6G CALMIRCO-PACR6G Datasheet
99Kb / 3P
EMI/RFIT-FILTER
PACRG CALMIRCO-PACRG Datasheet
88Kb / 3P
P/ACTIVE HIGH PERFORMANCE GTL/ECL LOCAL TERMINATION NETWORK
PACRPI CALMIRCO-PACRPI Datasheet
124Kb / 3P
P/Active 1% Tolerance Precision Isolated series Termination Network
More results

Similar Description - PACRAMBUS-1

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PAC560GTL CALMIRCO-PAC560GTL Datasheet
254Kb / 3P
HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
PACR4G CALMIRCO-PACR4G Datasheet
87Kb / 3P
HIGH PERFORMANCE BUS TERMINATION NETWORK
logo
Elpida Memory
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
Direct Rambus DRAM SO-RIMM Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
Direct Rambus DRAM SO-RIMM Module
logo
California Micro Device...
PACGTL CALMIRCO-PACGTL Datasheet
515Kb / 3P
HIGH PERFORMANCE GTL TERMINATION NETWORK FOR SOCKET 370 PROCESSORS
logo
Elpida Memory
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
128MB Direct Rambus DRAM RIMM Module
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
256MB Direct Rambus??DRAM RIMM??Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
512MB Direct Rambus??DRAM RIMM??Module
EBR51UC8ABFD ELPIDA-EBR51UC8ABFD Datasheet
114Kb / 12P
512MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com