Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

125LD47-R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 125LD47-R
Description  EMI Suppression Capacitor, Ceramic Disc, Class X1, 400 VAC, Class Y4, 125 VAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

125LD47-R Datasheet(HTML) 2 Page - Vishay Siliconix

  125LD47-R Datasheet HTML 1Page - Vishay Siliconix 125LD47-R Datasheet HTML 2Page - Vishay Siliconix 125LD47-R Datasheet HTML 3Page - Vishay Siliconix 125LD47-R Datasheet HTML 4Page - Vishay Siliconix 125LD47-R Datasheet HTML 5Page - Vishay Siliconix 125LD47-R Datasheet HTML 6Page - Vishay Siliconix 125LD47-R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
125L Series
www.vishay.com
Vishay Cera-Mite
Revision: 23-Jul-2021
2
Document Number: 23106
For technical questions, contact: ceramitesupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Alternate lead spacings of 7.5 mm and 10 mm are available bulk or tape and reel on request
• Minimum lead clearance according to IEC 60384-14: 0.118" (3 mm)
TAPE AND REEL OPTIONS
Part number codes and specifications for tape and reel packaging are found in the general information document
www.vishay.com/doc?23140.
DIMENSIONS in inches (millimeters)
ORDERING INFORMATION, CERAMIC X1 / Y4 CAPACITORS 125L
C
(pF)
TOL.
(%)
Dmax.
DIAMETER
INCH (mm)
Tmax.
THICKNESS
INCH (mm)
WIRE SIZE
LS
LEAD SPACE
INCH (mm)
± 1 mm
LO
LEAD OFFSET
INCH (mm)
± 0.5 mm
ORDERING
CODE
AWG
INCH (mm)
1000
± 20
0.330 (8.4)
0.195 (5.0)
20
0.032 (0.81)
0.250 (6.4)
0.094 (2.4)
125LD10-R
1500
0.330 (8.4)
0.195 (5.0)
0.098 (2.5)
125LD15-R
2000
0.330 (8.4)
0.188 (4.8)
0.091 (2.3)
125LD20-R
2200
0.330 (8.4)
0.182 (4.7)
0.083 (2.1)
125LD22-R
3300
0.365 (9.3)
0.195 (5.0)
0.094 (2.4)
125LD33-R
4700
0.400 (10.2)
0.185 (4.7)
0.087 (2.2)
125LD47-R
5000
0.430 (11.0)
0.195 (5.0)
0.375 (9.5)
0.094 (2.4)
125LD50-R
6800
0.490 (12.5)
0.198 (5.1)
0.098 (2.5)
125LD68-R
8200
0.530 (13.5)
0.193 (5.0)
0.094 (2.4)
125LD82-R
0.010 μF
0.560 (14.3)
0.195 (5.0)
0.098 (2.5)
125LS10-R
0.015 μF
0.720 (18.3)
0.205 (5.3)
0.102 (2.6)
125LS15-R
0.018 μF
0.790 (20.1)
0.205 (5.3)
0.106 (2.7)
125LS18-R
0.020 μF
0.720 (18.3)
0.250 (6.4)
22
0.025 (0.64)
0.087 (2.2)
125LS20-R
0.022 μF
0.790 (20.1)
0.192 (4.9)
20
0.032 (0.81)
0.094 (2.4)
125LS22-R
0.030 μF
0.720 (18.3)
0.240 (6.1)
22
0.025 (0.64)
0.087 (2.2)
125LS30-R
0.050 μF
0.925 (23.5)
0.275 (7.0)
22
0.025 (0.64)
0.087 (2.2)
125LS50-R
0.125
max. (3.2)
Tinned Copper Leads
1.250 min.
(32)
T
max.
LO
LS
Ø
D
max.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com