Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALO25F24N Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALO25F24N
Description  25 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALO25F24N Datasheet(HTML) 2 Page - Astec America, Inc

  ALO25F24N Datasheet HTML 1Page - Astec America, Inc ALO25F24N Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Output
Efficiency
Model Number
Voltage
Voltage
Current
18V to 36V
3.3V
25A
88% Typ
ALO25F24(N) - (6)(S)
NOTES:
Efficiency values taken at nominal input full load condition, 25oC ambient temperature.
OPTIONS
"N" = Negative logic enable (without "N" = positive enable)
“S” = SMT (default is TH)
“6” = 3.7mm pin length option (default pin length is 5mm nominal)
2.30 [58.4]
2.00 [50.8]
0.15 [3.8]
E
- Vin
0.70 [17.8]
0.40 [10.2]
0.10 [2.5]
+ Vin
+ Sense
0.80 [20.3]
0.70 [17.7]
Ø0.04 [Ø1.0](6X)
0.32 [8.1]
PIN SIDE DOWN
PIN SIDE UP
-Output
-Sense
Trim
Ø0.06 [Ø1.6](2X)
0.55 [14.0]
0.40 [10.1]
0.25 [6.3]
0.10 [2.5]
+ Output
0.20 [5.0] NOM.
SIDE VIEW
Single Output
1.
+ Vin
2.
Enable
3.
- Vin
4.
- Vout
5.
- Sense
6.
Trim
7.
+ Sense
8.
Output Rtn
Notes:
1. 20 MHz bandwidth. External 10 uF tant. capacitor
in parallel with 1 uF ceramic capacitor placed
across the output and secondary return ground.
2. Efficiency measurements are typical values taken
at full load, nominal line and TA = 25°C.
3. All specifications are typical at nominal line, full
load and TA = 25°C unless otherwise noted.
4. All specifications subject to change without notice.
5. Mechanical drawings are for reference only.
Dimensions are in inches [mm]. Pin placement
tolerance ± 0.005 [0.127]. Mechanical Tolerance ±
0.02 [0.5], recommended surface mount pads (min:
0.080 x 0.112 [2.03 x 2.84] / max: 0092 x 0.124
[2.34 x 3.15]); through hole pin diameter (Pins 4 &
8)
∅ = 0.062 [1.57], others ∅ = 0.04 [1.0] (6X).
6. Safety approval for 3.3V version is available.
7. Technical Reference Notes should be consulted for
detailed information when available.
8. Warranty 1yr.
0.80 [20.3]
2.30 [58.4]
Through Hole
Surface Mount
Astec reserves the right to make changes to the information
contained herein without notice and assumes no liability as a
result of its use or application. (REV02: MARCH 7, 2005)
0.07 [1.7]
0.22 [5.5]
0.35 [8.9]
0.01 [0.4]
PIN SIDE DOWN
PIN SIDE DOWN
PIN SIDE UP
SIDE VIEW
0.70 [17.8]
0.40 [10.2]
0.10 [2.5]
0.06 [1.4]
2.19 [55.7]
0.70 [17.8]
0.55 [14.0]
0.40 [10.2]
0.25 [6.3]
0.10 [2.5]
PIN SIDE UP
SIDE VIEW
Pin Assignments



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com