Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSB-D2 Datasheet(PDF) 3 Page - California Micro Devices Corp

Part # PACUSB-D2
Description  USB Downstream Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-D2 Datasheet(HTML) 3 Page - California Micro Devices Corp

  PACUSB-D2 Datasheet HTML 1Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 2Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 3Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 4Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 5Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 6Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 7Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 8Page - California Micro Devices Corp PACUSB-D2 Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
09/14/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846
▲ www.calmicro.com
3
PACUSB-D1/D2/D3
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
Power Dissipation per Resistor
100
mW
Package Power Dissipation
200
mW
Voltage on any pin (DC)
6
V
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com