Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSB-D3 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PACUSB-D3
Description  USB Downstream Port Terminator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-D3 Datasheet(HTML) 2 Page - California Micro Devices Corp

  PACUSB-D3 Datasheet HTML 1Page - California Micro Devices Corp PACUSB-D3 Datasheet HTML 2Page - California Micro Devices Corp PACUSB-D3 Datasheet HTML 3Page - California Micro Devices Corp PACUSB-D3 Datasheet HTML 4Page - California Micro Devices Corp PACUSB-D3 Datasheet HTML 5Page - California Micro Devices Corp PACUSB-D3 Datasheet HTML 6Page - California Micro Devices Corp PACUSB-D3 Datasheet HTML 7Page - California Micro Devices Corp PACUSB-D3 Datasheet HTML 8Page - California Micro Devices Corp PACUSB-D3 Datasheet HTML 9Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
© 2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
▲ Tel: 408.263.3214
▲ Fax: 408.263.7846 ▲ www.calmicro.com
09/14/04
PACUSB-D1/D2/D3
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
PIN DESCRIPTIONS
PINS
NAME
DESCRIPTION
1
D+ CNTR
D+ Data to the USB controller circuitry
2
GND
Ground Pin
3
D- CNTR
D- Data to the USB controller circuitry
4
D- CONN
D- Data to the USB connector
5
D+ CONN
D+ Data to the USB connector
PACKAGE / PINOUT DIAGRAMS
Note 1: The "n" shown in part markings above represents either the digit "1," "2," or "3."
5-pin SOT23
D+ CNTR
GND
D- CNTR
D+ CONN
D- CONN
1
2
5
3
4
Top View
5-pin SC70
1
2
5
3
4
Top View
Note 2: SOT23 and SC70 package sizes may differ. These drawings are not to scale.
PACUSB-D1Y5/-D2Y5/-D3Y5
PACUSB-D1YB5/-D2YB5/-D3YB5
D+ CNTR
GND
D- CNTR
D+ CONN
D- CONN
-D1Y5R/-D2Y5R/-D3Y5R
-D1YB5R/-D2YB5R/-D3YB5R
PART NUMBERING INFORMATION
Pins
R1 Value
Package
Standard Finish
Lead-free Finish
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
515
Ω
SOT23-5
PACUSB-D2Y5
UDF2
PACUSB-D2Y5R
DF2R
22
Ω
PACUSB-D3Y5
UDF3
PACUSB-D3Y5R
DF3R
33
Ω
PACUSB-D1Y5
UDF1
PACUSB-D1Y5R
DF1R
515
Ω
SC70-5
PACUSB-D2YB5
DF2
PACUSB-D2YB5R
F2R
22
Ω
PACUSB-D3YB5
DF3
PACUSB-D3YB5R
F3R
33
Ω
PACUSB-D1YB5
DF1
PACUSB-D1YB5R
F1R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com