Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PACUSB-U3 Datasheet(PDF) 2 Page - California Micro Devices Corp

Part # PACUSB-U3
Description  Upstream USB Port Terminator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CALMIRCO [California Micro Devices Corp]
Direct Link  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp

PACUSB-U3 Datasheet(HTML) 2 Page - California Micro Devices Corp

  PACUSB-U3 Datasheet HTML 1Page - California Micro Devices Corp PACUSB-U3 Datasheet HTML 2Page - California Micro Devices Corp PACUSB-U3 Datasheet HTML 3Page - California Micro Devices Corp PACUSB-U3 Datasheet HTML 4Page - California Micro Devices Corp PACUSB-U3 Datasheet HTML 5Page - California Micro Devices Corp PACUSB-U3 Datasheet HTML 6Page - California Micro Devices Corp PACUSB-U3 Datasheet HTML 7Page - California Micro Devices Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2006 California Micro Devices Corp. All rights reserved.
2
490 N. McCarthy Blvd., Milpitas, CA 95035-5112
●
Tel: 408.263.3214
●
Fax: 408.263.7846
●
www.cmd.com 05/01/06
PACUSB-U1/U2/U3
Ordering Information
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
D1_i
The USB Controller side of the D+ or D- bidirectional transmission line of the differential
pair defined by USB standards.
2
GND
The ground reference for the PACUSB-U1/U2/U3 device.
3
D2_i
The USB Controller side of the D- or D+ bidirectional transmission line of the differential
pair defined by USB standards.
4
D2_c
The connector side of the D- or D+ bidirectional transmission line of the differential pair
defined by USB standards.
5V3.3
The 3.3V supply voltage for the PACUSB-U1/U2/U3 device.
6
D1_c
The connector side of the D+ or D- bidirectional transmission line of the differential pair
defined by USB standards.
PACKAGE / PINOUT DIAGRAMS
Note: Drawings are not to scale.
6-pin SC70
6-pin SOT23
D1_i
GND
D2_i
D1_c
V3.3
D2_c
D1_i
GND
D2_i
D1_c
V3.3
D2_c
1
2
6
5
3
4
1
2
6
5
3
4
PART NUMBERING INFORMATION
R1 Value (
Ω)
Pins
Package
Standard FInish
Lead-free Finish
Ordering Part
Number1
Part Marking
Ordering Part
Number1
Part Marking
15
6
SC70-6
PACUSB-U1
UU1
PACUSB-U1R
U1R
15
6
SOT23-6
PACUSB-U1Y6
UU1Y
PACUSB-U1Y6R
U1YR
33
6
SC70-6
PACUSB-U2
UU2
PACUSB-U2R
U2R
33
6
SOT23-6
PACUSB-U2Y6
UU2Y
PACUSB-U2Y6R
U2YR
22
6
SC70-6
PACUSB-U3
UU3
PACUSB-U3R
U3R
22
6
SOT23-6
PACUSB-U3Y6
UU3Y
PACUSB-U3Y6R
U3YR



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com