Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4001G Datasheet(PDF) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

Part # LL4001G
Description  PLASTIC SILICON R ECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.

LL4001G Datasheet(HTML) 1 Page - SAMYANG ELECTRONICS CO.,LTD.

  LL4001G Datasheet HTML 1Page - SAMYANG ELECTRONICS CO.,LTD. LL4001G Datasheet HTML 2Page - SAMYANG ELECTRONICS CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
2. Thermal resistance from junction to ambient.
PLASTIC SILICON RECTIFIERS
NOTE: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
LL4001G --- LL4007G
VOLTAGE RANGE: 50 --- 1000 V
CURRENT: 1.0 A
1.
SAMYANG ELECTRONICS
SAM YANG


Similar Part No. - LL4001G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LL4001G ETC-LL4001G Datasheet
52Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
Taiwan Semiconductor Co...
LL4001G TSC-LL4001G Datasheet
78Kb / 2P
1.0 AMP Surface Mount Glass Passivated Silicon Rectifiers
LL4001G TSC-LL4001G Datasheet
239Kb / 2P
1.0AMP Surface Mount Glass Plassivated Silicon Rectifiers
logo
SEMTECH ELECTRONICS LTD...
LL4001G SEMTECH_ELEC-LL4001G Datasheet
409Kb / 2P
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
RFE international
LL4001G RFE-LL4001G Datasheet
123Kb / 1P
SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
More results

Similar Description - LL4001G

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BYT56A BILIN-BYT56A Datasheet
92Kb / 2P
HIGH EFFICIENCY ECTIFIERS
RU4Y BILIN-RU4Y Datasheet
91Kb / 2P
HIGH EFFICIENCY ECTIFIERS
logo
Leshan Radio Company
1F7 LRC-1F7_15 Datasheet
225Kb / 7P
Fast Recovery ectifiers
logo
Diode Semiconductor Kor...
BYT56A DSK-BYT56A Datasheet
311Kb / 2P
HIGH EFFICIENCY ECTIFIERS
logo
Foshan Blue Rocket Elec...
BC547 FOSHAN-BC547 Datasheet
1Mb / 6P
Silicon NPN transistor in a TO-92(R) Plastic Package
MJE13002F6 FOSHAN-MJE13002F6 Datasheet
761Kb / 6P
Silicon NPN transistor in a TO-126F(R) Plastic Package.
logo
Microdiode Semiconducto...
TMBF310 CHENDA-TMBF310 Datasheet
480Kb / 2P
S INGLE P HASE 3.0 AMPS. GLASS PASSIVATED B RIDGE R ECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ABS1 SAMYANG-ABS1 Datasheet
1Mb / 2P
SILICON B RIDGE R ECTIFIERS
ABS1502 SAMYANG-ABS1502 Datasheet
1Mb / 2P
SILICON B RIDGE R ECTIFIERS
ABS202 SAMYANG-ABS202 Datasheet
1Mb / 2P
SILICON B RIDGE R ECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com