Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALQ07FM48 Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALQ07FM48
Description  7 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ07FM48 Datasheet(HTML) 2 Page - Astec America, Inc

  ALQ07FM48 Datasheet HTML 1Page - Astec America, Inc ALQ07FM48 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Output
Output
Output
Efficiency
Model Number
Voltage
Voltage1
Current1
Voltage2
Current2
36V to 75V
3.3V
6A*
1.5V
7A*
82% Typ
ALQ07FM48
36V to 75V
3.3V
6A*
1.2V
7A*
82% Typ
ALQ07FK48
36V to 75V
3.3V
6A*
1.8V
7A*
82% Typ
ALQ07FY48
Notes:
Enable Function
"N" = negative logic enable (without "N" = positive enable)
* Io1 + Io2 ≤ 10Α
Pin Assignments
Notes:
Astec reserves the right to make changes to the information
contained herein without notice and assumes no liability of its use
and application.
REV 02: Oct 2003



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com