Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALQ25 Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALQ25
Description  25 Amps,20 Amps,8.33 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ25 Datasheet(HTML) 2 Page - Astec America, Inc

  ALQ25 Datasheet HTML 1Page - Astec America, Inc ALQ25 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AMERICAS
EUROPE
ASIA
5810 Van Allen Way
Astec House, Waterfront
Units 2111-2116, Level 21
Carlsbad, CA 92008
Business Park,Merry Hill, Dudley
Tower1, Metroplaza
Telephone: 760-930-4600
West Midlands, DY5 1LX, UK
223, Hing Fong Road
Facsimile: 760-930-0698
Telephone: 44 (1384) 842-211
Fwai Fong, New Territories
Facsimile: 44 (1384) 843-355
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
48V
2.5V
25A
88% Typ
ALQ25G48N,AEQ25G48N
48V
3.3V
25A
89.5% Typ
ALQ25F48N,AEQ25F48N
48V
12V
8.33A
90% Typ
ALQ08B48N,AEQ08B48N
NOTES: “N” = Negative logic enable (without “N” = Positive logic enable)
Single Output
1. +Vin
2. Enable (On/Off)
3. -Vin
4. + Output
5. +Sense
6. Trim
7. -Sense
8.-Output
Open frame
Baseplated (for 12V)
Device code suffix
Length
-4
4.8mm ! 0.5mm
-6
3.8mm ! 0.5mm
-8
2.8mm ! 0.25mm
None
5.8mm ! 0.5mm
Notes:
1. All specifications subject to change without notice. Mechanical
drawings are for reference only.
2. Technical Reference Notes should be consulted for detailed
information when available.
REV 1: Auguest 2005
2
www.astecpower.com
Open frame
Tolerance: X.Xmm ! 0.5mm; X.XXmm ! 0.25mm
Baseplated (for 2.5V, 3.3V and 5V)
Input Voltage
Output Voltage
Output Current
Efficiency
Model Number
Pin Assignments
Ordering Information
48V
5V
20A
90% Typ
ALQ20A48N,AEQ20A48N



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com