Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALQ40 Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALQ40
Description  40 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ40 Datasheet(HTML) 2 Page - Astec America, Inc

  ALQ40 Datasheet HTML 1Page - Astec America, Inc ALQ40 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Output
Efficiency
Model Number
Voltage
Voltage
Current
36V to 75V
5.0V
25A
91% Typ
ALQ25A48
36V to 75V
3.3V
35A
90% Typ
ALQ35F48
36V to 75V
2.5V
40A
89% Typ
ALQ40G48
36V to 75V
1.8V
40A
87% Typ
ALQ40Y48
36V to 75V
1.5V
40A
85% Typ
ALQ40M48
36V to 75V
1.2V
40A
84% Typ
ALQ40K48
NOTES: “N” = Negative logic enable (without “N” = Positive logic enable)
Pin Assignments
Notes:
Nominal values apply with sense pins
connected to+Vout and Ground Return
with other control pins unconnected.
Specifications subject to change without
J1: -Vin
J2: ENABLE
J3: +Vin
J4: -Vo
J5: -SENSE
J6: TRIM
J7: +SENSE
J8: +Vo
REV 3: Dec 2003



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com