Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALQ40F48N Datasheet(PDF) 2 Page - Astec America, Inc

Part # ALQ40F48N
Description  High Efficiency Quarter Brick, 50 Amps
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

ALQ40F48N Datasheet(HTML) 2 Page - Astec America, Inc

  ALQ40F48N Datasheet HTML 1Page - Astec America, Inc ALQ40F48N Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Output
Efficiency2
Model Number
Voltage
Voltage
Current
36V to 75V
3.3V
40A
91% Typ
ALQ40F48 (N)
36V to 75V
2.5V
50A
90% Typ
ALQ50G48(N)
36V to 75V
1.8V
50A
89% Typ
ALQ50Y48 (N)
36V to 75V
1.2V
50A
86% Typ
ALQ50K48 (N)
OPTIONS:
(N)
:
"N" = designates Negative Logic Enable (default is Positive Enable with no suffix “N” required)
2.30
[58.4]
1.48
[37.6]
[1.0Ø] 6 PLACES
[1.5Ø] 2 PLACES
0.04Ø
0.36
[9.1]
PIN SIDEDOWN
SIDEVIEW
0.06Ø
0.24
MAX
[6.0]
[5.0]
0.20
MIN
1
2
3
4
5
6
7
8
Pin Assignments
Single Output
1.
+Vin
2.
Enable (On/Off)
3.
-Vin
4.
-Vout
5.
-Sense
6.
Trim
7.
+Sense
8.
+Vout
Notes:
1. 20 MHz bandwidth. External 10 uF tant. capacitor in
parallel with 1 uF ceramic capacitor placed across
the output and secondary return ground.
2. Efficiency measurements are typical values taken at
full load, nominal line and TA = 25°C.
3. All specifications are typical at nominal line, full load
and TA = 25°C unless otherwise noted.
4. All specifications subject to change without notice.
5. Mechanical drawings are for reference only.
Dimensions are in inches [millimeters]. Pin
placement tolerance ± 0.005 [0.127]. Mechanical
Tolerance ± 0.02 [0.5].
∅ = 0.060” for Pins 4&8, the
rest are
∅ = 0.40”.
6. Technical Reference Notes should be consulted for
detailed information when available.
7. Warranty 1yr.
Astec reserves the right to make changes to the information
contained herein without notice and assumes no liability as a
result of its use and application. (REV 07: OCTOBER 19, 2004)
PIN SIDEDOWN
1.04
[26.4]
0.44
[11.2]
0.15
[3.8]
L
C
0.74
[18.8]
1.04
[26.5]
0.89
[22.7]
0.74
[18.9]
0.59
[15.0]
2.00
[50.8]
0.44
[11.2]
PIN SIDE UP



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com