Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN1380-R Datasheet(PDF) 17 Page - Panasonic Semiconductor

Part # MN1380-R
Description  CMOS LSIs for Voltage Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN1380-R Datasheet(HTML) 17 Page - Panasonic Semiconductor

Back Button MN1380-R Datasheet HTML 12Page - Panasonic Semiconductor MN1380-R Datasheet HTML 13Page - Panasonic Semiconductor MN1380-R Datasheet HTML 14Page - Panasonic Semiconductor MN1380-R Datasheet HTML 15Page - Panasonic Semiconductor MN1380-R Datasheet HTML 16Page - Panasonic Semiconductor MN1380-R Datasheet HTML 17Page - Panasonic Semiconductor MN1380-R Datasheet HTML 18Page - Panasonic Semiconductor MN1380-R Datasheet HTML 19Page - Panasonic Semiconductor MN1380-R Datasheet HTML 20Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17
Microcomputer Peripheral LSIs
MN1380 Series
A
V
VSS
OUT
VDD
1.8V
A
V
VSS
OUT
VDD
5V
2.5
2.0
1.5
1.0
0.5
0
–40
–20
020
40
60
80
–40
–20
020
40
60
80
7.0
6.5
6.0
5.5
5.0
4.5
Ambient temperature, Ta (˚C)
Ambient temperature, Ta (˚C)
Reference Characteristics (continued)
Figure 11.a. IOL vs. Temperature Characteristic
Figure 11.b. Measurement Circuit
Figure 12.a. IOH vs. Temperature Characteristic
Figure 12.b. Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com