Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6C64AA Datasheet(PDF) 1 Page - Astec America, Inc

Part # AP6C64AA
Description  48V 400-600 Amp, Breaker Panel (BIP)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

AP6C64AA Datasheet(HTML) 1 Page - Astec America, Inc

  AP6C64AA Datasheet HTML 1Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
rev 12.01.01
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
182
Special Features
Electrical Specs
INPUT
DC input
-40 VDC to –75 VDC
Transients
ANSI T1.315-1994, FTZ19, BTR2511
Input feeds
4 x 100A each
4 x 150A each (available in the future)
OUTPUT
DC output
20 x 25A breakers total
Four breaker modules,
each with 5 x 25A breakers
Alarm signals
Critical, major, minor alarms
48V 400-600 Amp
Breaker Panel (BIP)
AP6C64AA
•Low profile:
•
Fits in 2U height,
•
3.47", 88.1 mm
• 23" width
• 4 x 100 A input feeds, upgradeable to 4 x 150A
input feeds
• supports A & B redundant input feeds
• 4 hot swappable Breaker Modules + one Alarm
Module
• Breaker Modules available in various configurations,
all come equipped with:
•
28,200 µF capacitor bank
•
automatic inrush current limiting
•
hot swappable, field replaceable without
service interruption
• Breaker Module configurations:
•
5A
5A 5A 5A 5A
•
20A 20A 20A 20A 20A
•
25A 25A 5A 25A 25A
•
10A 5A 30A 5A 10A
•
25A 25A 25A 25A 25A
•
30A 30A 5A 30A 30A
•
other configurations available on request,
please consult your Astec representative
• Standard Alarm module comes equipped with:
•
isolated alarm contacts
•
input feed fail alarm
•
output breaker trip alarm
•
critical, major, minor alarms
•
end aisle lamp drive
•
fully programmable, 6 bit, shelf ID
•
LED test switch
•
connections for voice and data jacks
• Enhanced, customized alarm modules available by
special order
EMC/EMI:
No switching components, inherently
EMI/EMC benign
ESD:
Bellcore GR-1089-CORE, ETSI 300 386-1,
(15kV)
Operating Temperature and Humidity
-5°C to +55°C normal, 5% to 85% RH, non-condensing
-8°C to +65°C short term
Shock and
Vibration:
Bellcore GR-063-CORE and ETSI 300 019
Zone 4 earthquake
Fire Resistance:
UL94V-0
U
ULL
1950
C
CS
SA
A
C22.2 950
EEN
N
60850, 41003
B
Be
ellllcco
orre
e
GR-063-CORE
Environmental
Safety
A breaker interface panel, also knows as a power distribution unit
(PDU), or frame supervisory panel (FSP), improves system power
stability and provides a convenient centralized location for all
customer load circuit breakers, alarms, and filtering.
A
AS
SIIA
A
U
Un
niittss 2
21
11
11
1--2
21
11
16
6,, LLe
evve
ell 2
21
1
T
To
ow
we
err1
1,, M
Me
ettrro
op
pllaazzaa
2
22
23
3,, H
Hiin
ng
g FFo
on
ng
g R
Ro
oaad
d
FFw
waaii FFo
on
ng
g,, N
Ne
ew
w T
Te
errrriitto
orriie
ess
H
Ho
on
ng
g K
Ko
on
ng
g
T
Te
elle
ep
ph
ho
on
ne
e:: 8
85
52
2--2
24
43
37
7--9
96
66
62
2
FFaaccssiim
miille
e:: 8
85
52
2--2
24
40
02
2--4
44
42
26
6
EEU
UR
RO
OP
PEE
A
Asstte
ecc H
Ho
ou
usse
e,, W
Waatte
errffrro
on
ntt B
Bu
ussiin
ne
essss P
Paarrkk
M
Me
errrryy H
Hiillll,, D
Du
ud
dlle
eyy
W
We
esstt M
Miid
dllaan
nd
dss,, D
DY
Y5
5 1
1LLX
X,, U
UK
K
T
Te
elle
ep
ph
ho
on
ne
e:: 4
44
4 ((1
13
38
84
4)) 8
84
42
2--2
21
11
1
FFaaccssiim
miille
e:: 4
44
4 ((1
13
38
84
4)) 8
84
43
3--3
35
55
5
A
AM
MEER
RIIC
CA
AS
S
5
58
81
10
0 V
Vaan
n A
Alllle
en
n W
Waayy
C
Caarrllssb
baad
d,, C
CA
A 9
92
20
00
08
8
T
Te
elle
ep
ph
ho
on
ne
e:: 7
76
60
0--9
93
30
0--4
46
60
00
0
FFaaccssiim
miille
e:: 7
76
60
0--9
93
30
0--0
06
69
98
8


Similar Part No. - AP6C64AA

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP6C036H A-POWER-AP6C036H Datasheet
130Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP6C036M A-POWER-AP6C036M Datasheet
141Kb / 10P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP6C072M A-POWER-AP6C072M Datasheet
142Kb / 10P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP6C64AA

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
QR0640T30 POWEREX-QR0640T30 Datasheet
115Kb / 3P
Fast Recovery Diode Module (400 Amp/600 Volts)
QRS0640T30 POWEREX-QRS0640T30 Datasheet
113Kb / 3P
Fast Recovery Diode Module (400 Amp/600 Volts)
logo
List of Unclassifed Man...
CTA30 ETC1-CTA30 Datasheet
830Kb / 2P
400/600/800V - TRIAC
logo
Solid States Devices, I...
SPMQ496-01 SSDI-SPMQ496-01 Datasheet
81Kb / 2P
400 AMP/600 VOLTS IGBT POWER MODULE FOR SPACE APPLICATIONS
logo
Nihon Inter Electronics...
PHMB400A6 NIEC-PHMB400A6_1 Datasheet
146Kb / 4P
400 A 600 V
logo
XP Power Limited
CCH400 XPPOWER-CCH400 Datasheet
586Kb / 2P
400/600 Watts CCH400600 Series
CCH400PS12 XPPOWER-CCH400PS12 Datasheet
580Kb / 2P
400/600 Watts
logo
International Rectifier
OM5008ST IRF-OM5008ST_15 Datasheet
23Kb / 2P
14 Amp, 400 & 600 Volts, 35 nsec trr
logo
Solid States Devices, I...
SHF2340 SSDI-SHF2340 Datasheet
268Kb / 3P
3 AMP HYPERFAST RECOVERY RECTIFIER 400 - 600 VOLTS, 18 ns
logo
Micro Commercial Compon...
MF400K06F3 MCC-MF400K06F3 Datasheet
544Kb / 4P
400 Amp FRED Modules 600 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com