Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431ACLPRAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # TL431ACLPRAG
Description  Programmable Precision References
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TL431ACLPRAG Datasheet(HTML) 5 Page - ON Semiconductor

  TL431ACLPRAG Datasheet HTML 1Page - ON Semiconductor TL431ACLPRAG Datasheet HTML 2Page - ON Semiconductor TL431ACLPRAG Datasheet HTML 3Page - ON Semiconductor TL431ACLPRAG Datasheet HTML 4Page - ON Semiconductor TL431ACLPRAG Datasheet HTML 5Page - ON Semiconductor TL431ACLPRAG Datasheet HTML 6Page - ON Semiconductor TL431ACLPRAG Datasheet HTML 7Page - ON Semiconductor TL431ACLPRAG Datasheet HTML 8Page - ON Semiconductor TL431ACLPRAG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TL431A, B Series, NCV431A, B Series, SCV431A
www.onsemi.com
5
IK
Vref
VKA
Input
Figure 1. Test Circuit for VKA = Vref
Input
IK
R2
Iref
Vref
VKA
R1
Figure 2. Test Circuit for VKA > Vref
V
KA +
V
ref
1
) R1
R2
) I
ref S
R1
Ioff
Input
VKA
Figure 3. Test Circuit for Ioff
-1.0
IMin
200
400
VKA, CATHODE VOLTAGE (V)
-200
0
0
1.0
2.0
3.0
800
600
-2.0
-1.0
0
-100
1.0
2.0
3.0
150
50
VKA, CATHODE VOLTAGE (V)
0
-50
Figure 4. Cathode Current versus
Cathode Voltage
Figure 5. Cathode Current versus
Cathode Voltage
Input
100
VKA = Vref
TA = 25°C
IK
VKA
125
TA, AMBIENT TEMPERATURE (°C)
3.0
100
50
75
-55
0
2.5
0.5
2.0
1.0
25
0
-25
1.5
2600
2580
2560
2540
2520
2500
2480
2460
VKA = Vref
IK = 10 mA
TA, AMBIENT TEMPERATURE (°C)
VKA
IK
-55
Input
Vref
75
100
125
2440
050
Figure 6. Reference Input Voltage versus
Ambient Temperature
Figure 7. Reference Input Current versus
Ambient Temperature
2420
2400
25
-25
Input
IK
IK = 10 mA
Iref
10k
VKA
Vref Max = 2550 mV
Vref Typ = 2495 mV
Vref Min = 2440 mV
VKA = Vref
TA = 25°C
Input
VKA
IK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com