Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APA18 Datasheet(PDF) 2 Page - Astec America, Inc

Part # APA18
Description  60 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APA18 Datasheet(HTML) 2 Page - Astec America, Inc

  APA18 Datasheet HTML 1Page - Astec America, Inc APA18 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
3
Ordering Information
www.astecpower.com
Notes:
1. All specifications are typical at nominal line, full load
and 25°C ambient temperature unless otherwise
noted.
2. All specifications subject to change without notice.
Mechanical drawings are for reference only
3. Technical Reference Notes should be consulted for
detailed information
4. Warranty: 1yr
Input
Output
Output Current
Efficiency
Model
Voltage
Voltage
Full Load (Typ)
Number
3.0V - 5.5V
0.75 to 3.6V
18A
95%
APA18T04-9
3.0V - 5.5V
0.75 to 3.6V
18A
95%
APA18T04-9H
Note:
- 18A max output current with total output power limited to 60W - minimal output derating required
- Typical Efficiency for 3.3V output; full load; nominal input voltage; 200LFM at TA=25 ºC
- Suffix “H” for Horizontal pins
Mechanical Dimensions - Vertical type
* Astec reserves the right to make changes to the information contained
herein without notice and assumes no liability as a result of its use or
application. (REV B: August, 2005)
Pin Assignment



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com