Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPX-LED Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # DPX-LED
Description  Intelligent LED Strip Light Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

DPX-LED Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  DPX-LED Datasheet HTML 1Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Innovations in Gaming Computing
www.advantech-innocore.com
Features
DPX-LED-A
Introduction
The DPX-LED-01 is an industrial grade 16-channel (single-wire) / 8-channel (SPI dual-wire) LED controller suitable for a wide range of applications requiring visual enhancement.
Up to 256 single color, tri-color or quad-color LEDs can be supported per channel. The LEDs can also be installed sequentially for the appearance of longer strips. Customized LED
sequences are easily developed using the ‘VibranceFX’ GUI (Windows and Linux) with a range of default patterns included. Sequences can be stored in on-board non-volatile memory
and executed automatically, or manipulated in real-time from the host PC. The module can run multiple sequences independently on separate strips and, through the developer API,
it supports feedback to determine the current position of any running sequence.
ƒ
Supports 16x single-wire channels or 8x SPI dual-wire LED channels, Up to
4096 LED’s total
ƒ
User friendly ‘VibranceFX’ Application software (Windows and Linux) for
pattern creation.
ƒ
Pre-stored pattern sequence recall
ƒ
Fully customizable pattern and sequence generation plus default patterns and
sequences
ƒ
Multiple independently running sequences with software API for real-time
control, live adjustments and status feedback
ƒ
Onboard storage for patterns and sequences
ƒ
Long term reliability & availability
Specifications
Control
uC
32-bit ARM® Cortex®-M7 @480MHz
Storage
On Board Flash Dual QSPI Pattern/Data/Animation storage
LED’s
Channels
16x single-wire or 8x SPI dual-wire interface
Quantity
2048 or 4096 total per DPX-LED-01 module
256 LEDs per channel
Type
Single, Tri and Quad color
Connectors
USB
1 x 90° USB 2.0 Type B (connection to host PC)
LED Strip
2x3 Way Microfit (x8)
Power
2x2 Way Minifit Jr
Programming
1 x Vertical JST B6B-PH
Power
Input power
12VDC single rail or 5VDC single rail. Max – 12A
Reset
Momentary
Environment
Thermal
Operating: 0 ~ 60° C
Physical
Dimensions
132 x 118 x 20 mm
Intelligent LED Strip Light Controller
Last updated: 3-Aug-2022


Similar Part No. - DPX-LED

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
DPX-0508 MARKIMICROWAVE-DPX-0508 Datasheet
242Kb / 3P
BROADBAND DIPLEXER
DPX-0R5 MARKIMICROWAVE-DPX-0R5 Datasheet
458Kb / 2P
Low Profile Miniaturized, Reflow Solderable Package Option
DPX-1 MARKIMICROWAVE-DPX-1 Datasheet
456Kb / 2P
Low Profile Miniaturized, Reflow Solderable Package Option
DPX-1114 MARKIMICROWAVE-DPX-1114 Datasheet
448Kb / 3P
BROADBAND DIPLEXER
DPX-1721 MARKIMICROWAVE-DPX-1721 Datasheet
449Kb / 3P
BROADBAND DIPLEXER
More results

Similar Description - DPX-LED

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVM-S420CW3 BVLED-BVM-S420CW3 Datasheet
264Kb / 7P
LED STRIP LIGHT
BVM-S450 BVLED-BVM-S450 Datasheet
138Kb / 7P
LED STRIP LIGHT
logo
OptoSupply Internationa...
OSMH50830GP-R5M3Z2C1P-A OPTOSUPPLY-OSMH50830GP-R5M3Z2C1P-A Datasheet
79Kb / 3P
LED Light Strip
OSMW03C12GP-R5MAS1C1A-A OPTOSUPPLY-OSMW03C12GP-R5MAS1C1A-A Datasheet
157Kb / 3P
LED Light Strip
OSMW05C12GP-R5PTS4C1A-A OPTOSUPPLY-OSMW05C12GP-R5PTS4C1A-A Datasheet
57Kb / 3P
LED Light Strip
OSMW38E20GJ-R5MAS1C1A-A OPTOSUPPLY-OSMW38E20GJ-R5MAS1C1A-A Datasheet
86Kb / 3P
LED Light Strip
OSMW60E32GM-R5MAS1C1A-A OPTOSUPPLY-OSMW60E32GM-R5MAS1C1A-A Datasheet
88Kb / 3P
LED Light Strip
OSMW50815GP-R5MAS1C1A-A OPTOSUPPLY-OSMW50815GP-R5MAS1C1A-A Datasheet
87Kb / 3P
LED Light Strip
OSMY46K27GH-R5MAZ161D-A OPTOSUPPLY-OSMY46K27GH-R5MAZ161D-A Datasheet
123Kb / 4P
LED Light Strip
OSMY61K37GH-R5MA5111A-A OPTOSUPPLY-OSMY61K37GH-R5MA5111A-A Datasheet
119Kb / 4P
LED Light Strip
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com