Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMID5201 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ZMID5201
Description  Inductive Position Sensor IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZMID5201 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ZMID5201 Datasheet HTML 17Page - Renesas Technology Corp ZMID5201 Datasheet HTML 18Page - Renesas Technology Corp ZMID5201 Datasheet HTML 19Page - Renesas Technology Corp ZMID5201 Datasheet HTML 20Page - Renesas Technology Corp ZMID5201 Datasheet HTML 21Page - Renesas Technology Corp ZMID5201 Datasheet HTML 22Page - Renesas Technology Corp ZMID5201 Datasheet HTML 23Page - Renesas Technology Corp ZMID5201 Datasheet HTML 24Page - Renesas Technology Corp ZMID5201 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ZMID5201/02/03 Datasheet
© 2020 Renesas Electronics Corporation
21
July 21, 2020
Table 11. SENT Tick Length
Decimal
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Hexadecimal
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
Number of Ticks
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
Figure 16. SENT Nibble Output for Value = 15DEC
0
13
28
15
1
6
2
16 17
3
22
11
7
23
25
4
21
29
8
26 27
12
18
5
9
19
14
10
24
20
VOH
Vout
VOL
t (ticks)
5
5
22
Figure 17. SENT Frame
The SENT protocol frame consists of a fixed-length synch pulse (LOW period of 5 ticks followed by a HIGH period of 51 ticks), followed by a
status nibble, 6 data nibbles, and a CRC nibble. An optional pause pulse can be programmed to adjust the SENT frame to a fixed length of 270
ticks.
5
VOH
Vout
VOL
ticks
51
7 to 10
5
7 to 22
5
7 to 22
5
7 to 22
5
7 to 22
5
7 to 22
5
7 to 22
5
7 to 22
5
var
Sync
Status
4-bit (#0)
Data1
MSN
4-bit (#1)
Data1
MidN
4-bit (#2)
Data1
LSN
4-bit (#3)
Data2
MSN, ctr
4-bit (#4)
Data2
LSN, ctr
4-bit (#5)
Data2
inv MSN
4-bit (#6)
CRC
4-bit (#7)
Pause
(optional)
152 to 260
270
5
Note that the status nibble has a maximum length of only 5 + 10 = 15 ticks since bits 2 and 3 are always zero:
Status nibble:
0000BIN = Normal operation
0011BIN = Diagnostic state
The SENT output frame format can be programmed in one of two options:
1. 12-bit position data + 8-bit rolling counter (“ctr” in Figure 17) + inverted copy of Data1 MSN (nibble #1 in Figure 17) + cyclic redundancy
check (CRC). In this option, the SENT frame length is between 152 and 260 ticks with a variable frame length and 270 ticks with a fixed
frame length.
2. 12-bit position data + “000” data + CRC. In this option, if the pause pulse is disabled, the SENT frame has the shortest possible length:
less than 220 ticks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com