Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APC08 Datasheet(PDF) 2 Page - Astec America, Inc

Part # APC08
Description  30 Watts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTEC [Astec America, Inc]
Direct Link  http://www.astecinc.com/
Logo ASTEC - Astec America, Inc

APC08 Datasheet(HTML) 2 Page - Astec America, Inc

  APC08 Datasheet HTML 1Page - Astec America, Inc APC08 Datasheet HTML 2Page - Astec America, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Output
Efficiency
Model Number
Voltage
Voltage
Full Load
1.8V-6.0V
0.9V @ 8A
76% (Typ)*
APC08J03
1.8V-6.0V
1.2V @ 8A
81% (Typ)
APC08K03
1.8V-6.0V
1.5V @ 8A
86% (Typ)
APC08M03
2.2V-6.0V
1.8V @ 8A
88% (Typ)
APC08Y03
3.0V-6.0V
2.5V @ 8A
91% (Typ)
APC08G03
4.0V-6.0V
3.3V @ 8A
93% (Typ)
APC08F03
5.0V-13.0V
0.9V @ 8A
75% (Typ)
APC08J08
5.0V-13.0V
1.2V @ 8A
81% (Typ)
APC08K08
5.0V-13.0V
1.5V @ 8A
84% (Typ)
APC08M08
5.0V-13.0V
1.8V @ 8A
86% (Typ)
APC08Y08
5.0V-13.0V
2.5V @ 8A
90% (Typ)
APC08G08
5.0V-13.0V
3.3V @ 8A
92% (Typ)
APC08F08
7.5V-13.0V
5.0V @ 5A
94% (Typ)
APC05A08New
8.5V-13.0V
6.0V @ 4A
95% (Typ)
APC04S08New
* Typical Efficiency is measured at full load, mid range input and at TA=25 ºC
Options: suffix
“-9”
= Output Trim option
suffix
“-9MA” = Output Trim with Ishare and PGood options
suffix
“-J”
= Jedec Style Tray Packaging (Default packaging is T&R with no “-J” suffix required)
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
2
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Mechanical Dimensions
Tolerances:
x.xx +/- 0.02 in (x.x +/- 0.5mm)
x.xxx +/- 0.010 in (x.xx +/- 0.25mm
Note:
1. Specifications given are typical values at nominal
conditions.
2. The Technical Reference Notes should be
consulted for detailed information.
3. Specifications subject to change without notice.
Mechanical drawings are for reference only
Pin Side Down [dimensions in mm]
Optional Pins:
PGood - Power Good Logic Signal
P - Active Current Share Pin
Trim - Trim Pin
Typ



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com